Electronic Components Datasheet Search
  English  ▼

X  

HSB02-101007 Datasheet(PDF) 2 Page - CUI INC

Part # HSB02-101007
Description  HEAT SINK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

HSB02-101007 Datasheet(HTML) 2 Page - CUI INC

  HSB02-101007 Datasheet HTML 1Page - CUI INC HSB02-101007 Datasheet HTML 2Page - CUI INC HSB02-101007 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI Devices
│ MODEL: HSB02-101007 │ DESCRIPTION: HEAT SINK
date 06/24/2021
│ page 2 of 3
cuidevices.com
MECHANICAL DRAWING
units: mm
tolerance: ±0.38 mm
MATERIAL
AL 6063-T5
FINISH
black anodized
WEIGHT
1.2 g
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com