Electronic Components Datasheet Search
  English  ▼

X  

MP7641 Datasheet(PDF) 11 Page - Exar Corporation

Part # MP7641
Description  8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7641 Datasheet(HTML) 11 Page - Exar Corporation

Back Button MP7641 Datasheet HTML 7Page - Exar Corporation MP7641 Datasheet HTML 8Page - Exar Corporation MP7641 Datasheet HTML 9Page - Exar Corporation MP7641 Datasheet HTML 10Page - Exar Corporation MP7641 Datasheet HTML 11Page - Exar Corporation MP7641 Datasheet HTML 12Page - Exar Corporation MP7641 Datasheet HTML 13Page - Exar Corporation MP7641 Datasheet HTML 14Page - Exar Corporation MP7641 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MP7641
11
Rev. 2.00
Figure 6. 8085 Interface (Simplified Diagram)
ALE
WR
SOD
8085
8
8
DATA BUS
+5
8212
A0 to A2
ADDRESS
DECODER
74LS138
E1
E3
E2
SDI
CLK
LD
RST
FROM SYSTEM RESET
8
ADDRESS BUS
NOTES:
1.
Clock generated by WR and decoding address 8000
2.
Data is clocked into the DAC shift register by executing memory write instructions. the clock input is
generated by decoding address 8000 and WR. Data is then loaded into the DAC register with a memory
write instruction to address 4000.
3.
Serial data must be present in the right justified format in registers H & L of the microprocessor.
3
MP7641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com