Electronic Components Datasheet Search
  English  ▼

X  

MAX14764 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14764
Description  Above- and Below-the-Rails Low-Leakage Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14764 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14764 Datasheet HTML 1Page - Maxim Integrated Products MAX14764 Datasheet HTML 2Page - Maxim Integrated Products MAX14764 Datasheet HTML 3Page - Maxim Integrated Products MAX14764 Datasheet HTML 4Page - Maxim Integrated Products MAX14764 Datasheet HTML 5Page - Maxim Integrated Products MAX14764 Datasheet HTML 6Page - Maxim Integrated Products MAX14764 Datasheet HTML 7Page - Maxim Integrated Products MAX14764 Datasheet HTML 8Page - Maxim Integrated Products MAX14764 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MAX14760/MAX14762/MAX14764
Above- and Below-the-Rails
Low-Leakage Analog Switches
1
Functional Diagrams/Truth Tables
19-6052; Rev 1; 8/12
Ordering Information/Selector Guide appears at end of data
sheet.
For related parts and recommended products to use with this part, refer
to www.maxim-ic.com/MAX14760.related.
EVALUATION KIT AVAILABLE
General Description
The MAX14760/MAX14762/MAX14764 analog switches
are capable of passing bipolar signals that are beyond
their supply rails. These devices operate from a single
+3.0V to +5.5V supply, and support signals in the -25V
to +25V range.
The MAX14760 is a single-pole/single-throw (SPST) ana-
log switch, while the MAX14762 is a dual-SPST analog
switch. The MAX14764 is a single-pole/double-throw
(SPDT) analog switch.
The MAX14760/MAX14762/MAX14764 feature 20I (max)
on-resistance with a Q10nA (max) on-leakage current for
MAX14760/MAX14762.
The MAX14760/MAX14764 are available in 8-pin (3mm x
3mm) TDFN packages. The MAX14762 is available in a
10-pin (3mm x 3mm) TDFN package. These devices are
specified over the -40NC to +85NC extended operating
temperature range.
Benefits and Features
S
Simplify Power-Supply Requirements
3.0V to 5.5V Supply Range
-25V to +25V Signal Range
S
High Performance
 Q
10nA (max) On-Leakage Current (MAX14760/
MAX14762)
20I (max) On-Resistance
Low On-Resistance Flatness, 58mI (typ)
Thermal Shutdown Protection
-40NC to +85NC Operating Temperature Range
High Bandwidth:115MHz (typ)
S
Save Space on Board
Small 8-Pin and 10-Pin TDFN Packages
Applications
Industrial Measurement Systems
Instrumentation Systems
Opto-Relay Replacement
Medical Systems
ATE Systems
Audio Signal Routing and Switching
MAX14760
SUPPLY
GENERATION
VP
A
B
EN
GND
VN
VCC
MAX14762
SUPPLY
GENERATION
VP
GND
VN
VCC
A1
B1
EN1
A2
B2
EN2
MAX14764
SUPPLY
GENERATION
VP
GND
VN
VCC
A1
COM
A2
SEL
EN
A
OPEN
CLOSED
0
1
SEL
A1
A2
CLOSED
OPEN
OPEN
CLOSED
0
1
EN1
A1
CLOSED
OPEN
0
1
EN2
A2
OPEN
CLOSED
0
1
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX14764

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14761 MAXIM-MAX14761 Datasheet
2Mb / 16P
Above- and Below-the-Rails Low On-Resistance Analog Switches
Rev 1; 8/12
MAX14763 MAXIM-MAX14763 Datasheet
2Mb / 16P
Above- and Below-the-Rails Low On-Resistance Analog Switches
Rev 1; 8/12
More results

Similar Description - MAX14764

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14778 MAXIM-MAX14778 Datasheet
2Mb / 15P
Dual 25V Above- and Below-the-Rails 4:1 Analog Multiplexer
Rev 0; 6/11
MAX14778 MAXIM-MAX14778_12 Datasheet
2Mb / 15P
Dual ±25V Above- and Below-the-Rails 4:1 Analog Multiplexer
Rev 1; 6/12
MAX14759 MAXIM-MAX14759 Datasheet
2Mb / 16P
Above- and Below-the-Rails Low On-Resistance Analog Switches
Rev 1; 8/12
logo
Littelfuse
SP1004-04VTG LITTELFUSE-SP1004-04VTG Datasheet
144Kb / 1P
Analog video ports typically have signals that swing above and below GND
logo
Vishay Siliconix
DG2501 VISHAY-DG2501 Datasheet
165Kb / 9P
Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
19-May-14
logo
Maxim Integrated Produc...
MAX20336 MAXIM-MAX20336 Datasheet
756Kb / 12P
Ultra-Small, Low-RON, Beyond-the-Rails DPST Analog Switches
Rev 0; 2/19
MAX14689 MAXIM-MAX14689 Datasheet
792Kb / 12P
Ultra-Small, Low-RON, Beyond-the-Rails??DPDT Analog Switches
19-6784; Rev 5; 6/20
MAX14778 MAXIM-MAX14778_V01 Datasheet
1Mb / 16P
Dual 짹25V Above- and Below-the-Rails 4:1 Analog Multiplexer
19-5929; Rev 3; 7/20
MAX20336 MAXIM-MAX20336_V01 Datasheet
523Kb / 16P
Ultra-Small, Low-RON, Beyond-the-Rails DPST/SPDT Analog Switches
2021
logo
Vishay Siliconix
DG2501 VISHAY-DG2501_V01 Datasheet
201Kb / 10P
200 Ω, Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
21-Aug-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com