Electronic Components Datasheet Search
  English  ▼

X  

MAX14830 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX14830
Description  Quad Serial UART with 128-Word FIFOs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14830 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX14830 Datasheet HTML 6Page - Maxim Integrated Products MAX14830 Datasheet HTML 7Page - Maxim Integrated Products MAX14830 Datasheet HTML 8Page - Maxim Integrated Products MAX14830 Datasheet HTML 9Page - Maxim Integrated Products MAX14830 Datasheet HTML 10Page - Maxim Integrated Products MAX14830 Datasheet HTML 11Page - Maxim Integrated Products MAX14830 Datasheet HTML 12Page - Maxim Integrated Products MAX14830 Datasheet HTML 13Page - Maxim Integrated Products MAX14830 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
(VA = +2.35V to +3.6V, VL = +1.71V to +3.6V, VEXT = +1.71V to +3.6V, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at VA = +2.5V, VL = +1.8V, VEXT = +2.8V, TA = +25°C.) (Notes 2, 3)
(VA = +2.35V to +3.6V, VL = +1.71V to +3.6V, VEXT = +1.71V to +3.6V, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at VA = +2.8V, VL = +1.8V, VEXT = +2.5V, TA = +25°C.) (Notes 2, 3)
DC Electrical Characteristics (continued)
AC Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RX0, RX1, RX2, RX3, CTS0, CTS1, CTS2, CTS3 INPUTS
Input Low Voltage
VIL
0.3 x VEXT
V
Input High Voltage
VIH
0.7 x VEXT
V
Input Hysteresis
VHYST
50
mV
CTS0, CTS1, CTS2, CTS3 Input
Leakage Current
IIN_CTS
VCTS_ = 0 to VEXT
-1
+1
µA
RX0, RX1, RX2, RX3 Pullup
Current
IIN_RX_
VRX_ = 0V, VEXT = 3.6V
-7.5
-5.5
-3.5
µA
Input Capacitance
CIN_UART
5
pF
GPIO0–GPIO15 INPUTS/OUTPUTS
Output Low Voltage
VOL
ILOAD = -20mA, VEXT > 2.3V, push-pull
or open drain
0.45
V
ILOAD = -20mA, VEXT < 2.3V, push-pull
or open drain
0.55
Output High Voltage
VOH
ILOAD = 5mA, push-pull
VEXT - 0.4
V
Input Low Voltage
VIL
GPIO_ is configured as an input
0.4
V
Input High Voltage
VIH
GPIO_ is configured as an input
2/3 x VEXT
V
Pulldown Current
IPD
GPIO_ = VEXT = 3.6V
3.5
5.5
7.5
µA
XIN
Input Low Voltage
VIL
0.2
V
Input High Voltage
VIH
1.2
V
Input Capacitance
CXIN
16
pF
XOUT
Input Capacitance
CXOUT
16
pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INTERNAL OSCILLATOR
External Crystal Frequency
fXOSC
1
4
MHz
External Clock Frequency
fCLK
0.5
35
MHz
External Clock Duty Cycle
(Note 5)
45
55
%
Baud-Rate Generator Clock Input
fREF
(Note 5)
96
MHz
MAX14830
Quad Serial UART with 128-Word FIFOs
www.maximintegrated.com
Maxim Integrated │ 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com