Electronic Components Datasheet Search
  English  ▼

X  

MAX14838 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14838
Description  24V Pin-Configurable Industrial Sensor Output Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14838 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14838 Datasheet HTML 1Page - Maxim Integrated Products MAX14838 Datasheet HTML 2Page - Maxim Integrated Products MAX14838 Datasheet HTML 3Page - Maxim Integrated Products MAX14838 Datasheet HTML 4Page - Maxim Integrated Products MAX14838 Datasheet HTML 5Page - Maxim Integrated Products MAX14838 Datasheet HTML 6Page - Maxim Integrated Products MAX14838 Datasheet HTML 7Page - Maxim Integrated Products MAX14838 Datasheet HTML 8Page - Maxim Integrated Products MAX14838 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Note 1: All units are production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Currents into the device as positive; all currents out of the device are negative. All voltages are referenced to ground, unless
otherwise noted.
Note 3: See the DO Short-Circuit and Overcurrent Protection section for detailed information.
Note 4: ESD protection for VCC is achieved only with an external capacitor connected from VCC to GND. Connect 100nF capacitor
between VCC and GND for air-gap and contact discharge ESD.
(VCC = 4.75V to 34V (MAX14839), VCC = 7V to 34V (MAX14838), unless otherwise noted. VGND = 0V. All logic inputs are VLDO or
GND. TA = TMIN to TMAX. Typical values are at VCC = 24V, TA = +25°C) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LINEAR REGULATOR (LDO)
Output Voltage
VLDO
MAX14839, 4.75V ≤VCC ≤ 34V,
ILDO = 30mA
3.0
3.3
3.6
V
MAX14838, 7V ≤VCC ≤ 34V,
ILDO = 30mA
4.5
5.0
5.5
Short Circuit Current Limit
ILDO_SC
LDO short to GND
30
45
mA
Line Regulation
ILDO = 30mA
0.06
%
Load Regulation
0.1mA ≤ ILOAD ≤ 30mA, 100nF bypass
capacitor on LDO
2.8
Ω
PROTECTION
Thermal-Shutdown Threshold
TSHDN
Temperature rising, FAULT asserted
+150
°C
Thermal-Shutdown Hysteresis
TSHDN_HYST
10
°C
ESD Protection
(VCC, DO, and GND) (Note 4)
Air-Gap Discharge, IEC 61000-4-2
±8
kV
Contact Discharge IEC 61000-4-2
±6
kV
ESD Protection (All Other Pins)
Human Body Model, JESD22-A114E
±2
kV
Surge Tolerance
IEC 61000-4-5, 0.5μF/500Ω
±1
kV
Reverse Polarity Current
IRP
Any combination of VCC, DO, and GND
-1
+1
mA
POWER-ON RESET TIMING
POR Delay
tPUD
Delay after VCC rises above VTH until
DO is active
75
80
100
ms
DRIVER TIMING
Low-to-High Propagation Delay
tPLH
VCC = 34V, CL = 1nF, RL = 10kΩ,
push-pull or PNP mode, 50% to 50%,
Figure 1
5
20
μs
High-to-Low Propagation Delay
tPHL
VCC = 34V, CL = 1nF, RL = 10kΩ,
push-pull or NPN mode, 50% to 50%,
Figure 1
5
20
μs
DO Output Rise Time
tRISE
VCC = 34V, CL = 1nF, RL = 10kΩ, push-
pull or PNP mode, 10% to 90%
6
20
μs
DO Output Fall Time
tFALL
VCC = 34V, CL = 1nF, RL = 10kΩ, push-
pull on NPN mode, 90% to 10%
6
20
μs
OVERCURRENT SHUTDOWN TIMING
Overcurrent Detection Time
tISDET
(Note 3)
112
150
μs
Overcurrent Turn-Off Time
tISOFF
(Note 3)
3.75
5.0
ms
MAX14838/MAX14839
24V Pin-Configurable Industrial Sensor
Output Drivers
www.maximintegrated.com
Maxim Integrated │ 4
AC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com