Electronic Components Datasheet Search
  English  ▼

X  

MAX14970 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14970
Description  Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14970 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14970 Datasheet HTML 1Page - Maxim Integrated Products MAX14970 Datasheet HTML 2Page - Maxim Integrated Products MAX14970 Datasheet HTML 3Page - Maxim Integrated Products MAX14970 Datasheet HTML 4Page - Maxim Integrated Products MAX14970 Datasheet HTML 5Page - Maxim Integrated Products MAX14970 Datasheet HTML 6Page - Maxim Integrated Products MAX14970 Datasheet HTML 7Page - Maxim Integrated Products MAX14970 Datasheet HTML 8Page - Maxim Integrated Products MAX14970 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
MAX14970
Ruggedized 6Gbps SATA Redriver with High ESD
and Extended Temperature Operation
Electrical Characteristics (continued)
(VCC = +3.0V to +3.6V, CCL = 10nF coupling capacitor on each output, RL = 50I, TA = -40ºC to +85ºC, unless otherwise noted. Typical
values are at VCC = +3.3V, TA = +25NC.) (Note 3)
Note 3: All devices are 100% production tested at TA = +85NC. Specifications over the operating temperature range are guaranteed
by design.
Note 4: This specification meets SATA version 3.0 (gold standard).
Note 5: Guaranteed by design.
Note 6: This specification meets SATA version 2.6 (gold standard).
Note 7: Rise and fall times are measured using 20% and 80% levels.
Note 8: DJ measured using K28.5 pattern; RJ measured using D10.2 pattern.
Note 9: Total time for OOB detection circuit to enable/squelch the output.
Note 10: Difference between squelched and not squelched in the active mode.
Note 11: Difference between output common mode in the active and dynamic power-down state.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OOB Common-Mode Delta
ΔVOOB-CM
(Note 10)
-50
+50
mV
OOB Output Disable
VOOB-OUT
VIN < VCCB (min), output voltage in
squelch (Note 5)
30
mVP-P
Dynamic Power-Down Exit Time
tDPD
SATA OOB pattern (Note 5)
20
ns
Output Common-Mode Delta
ΔVOUT-CM
(Note 11)
-25
+25
mV
LOGIC INPUT
Input Logic-High
VIH
EN, CAD, PA, PB, MODE
1.4
V
Input Logic-Low
VIL
EN, CAD, PA, PB, MODE
0.6
V
Input Logic Hysteresis
VHYST
EN, CAD, PA, PB, MODE
0.1
V
Input Pullup/Pulldown
Resistance
RPU-PD
370
kΩ
ESD PROTECTION
All Pins
Human Body Model
±8
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com