Electronic Components Datasheet Search
  English  ▼

X  

MAX14980 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14980
Description  Ruggedized Quad SAS/SATA Redriver/Equalizer with Extended Operating Temperature
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14980 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14980 Datasheet HTML 1Page - Maxim Integrated Products MAX14980 Datasheet HTML 2Page - Maxim Integrated Products MAX14980 Datasheet HTML 3Page - Maxim Integrated Products MAX14980 Datasheet HTML 4Page - Maxim Integrated Products MAX14980 Datasheet HTML 5Page - Maxim Integrated Products MAX14980 Datasheet HTML 6Page - Maxim Integrated Products MAX14980 Datasheet HTML 7Page - Maxim Integrated Products MAX14980 Datasheet HTML 8Page - Maxim Integrated Products MAX14980 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX14980 quad-channel redriver is designed to
redrive two full lanes of SAS or SATA signals up to
6.0GT/s (gigatransfers per second) and operates from a
single +3.3V supply.
The MAX14980 features independent input equalization
and output preemphasis. It enhances signal integrity at the
receiver by equalizing the signal at the input and establish-
ing preemphasis at the output of the device. SAS and SATA
OOB (out-of-band) signaling is supported using high-speed
amplitude detection on the inputs and squelch on the cor-
responding outputs. Inputs and outputs are all internally
50Ω terminated and must be AC-coupled to the SAS/SATA
controller IC and SAS/SATA device.
The MAX14980 is available in a small 42-pin, 3.5mm x
9mm, TQFN package with flow-through traces for ease of
layout. This device is specified over the -40°C to +85°C
extended operating temperature range.
Applications
● Industrial/Embedded PCs
● Computer on Modules
● Carrier Boards
● Test Equipment
● Rack Server Industrial PCs
● Medical Equipment
Benefits and Features
● High Performance Solution Designed to Overcome
Lossy Channels
• 3dB of Independent (per Channel) Selectable
Input EQ and Output Preemphasis
• Compensates up to 30in of Channel Losses with
Deterministic Jitter: 23psP-P (max); Random Jitter:
1.8psRMS (max)
• 8dB (typ) of Return Loss Up to 3.0GHz
● Designed to Reliably Operate in Harsh Environments
• Industrial Temperature Rated: -40°C to +85°C
• ±2.5kV Human Body Model (HBM) ESD
Protection on All Pins
• Housed in a Flow-Through (42-Pin, 3.5mm x
9.0mm) TQFN Package or Resistance to Vibration/
Shocks
● Ease of Design and Layout
• Single 3.3V Operation
• Internal Input/Output 50Ω Termination Resistors
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part, refer
to
www.maximintegrated.com/MAX14980.related.
19-6647; Rev 0; 3/13
TOP VIEW
MAX14980
TQFN-EP
18
*EP
19
20
21
EQ0A
PE0A
EQ1A
PE1A
42
41
40
39
PE1B
EQ1B
PE0B
EQ0B
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17
38 37 36 35 34 33
*CONNECT EXPOSED PAD (EP) TO GND.
32 31 30 29 28 27 26 25 24 23 22
Pin Configuration
MAX14980
Ruggedized Quad SAS/SATA Redriver/Equalizer
with Extended Operating Temperature


Similar Part No. - MAX14980

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14982 MAXIM-MAX14982 Datasheet
773Kb / 12P
Test Equipment
Rev 1; 1/15
MAX14983E MAXIM-MAX14983E Datasheet
773Kb / 11P
Enhanced 1:2 VGA Mux with Monitor Detection and Priority Port Logic
19-5935; Rev 1; 9/17
MAX14983EETJ+ MAXIM-MAX14983EETJ+ Datasheet
773Kb / 11P
Enhanced 1:2 VGA Mux with Monitor Detection and Priority Port Logic
19-5935; Rev 1; 9/17
MAX14984 MAXIM-MAX14984 Datasheet
1Mb / 12P
Enhanced VGA Port Protector with Monitor Detection and Dual USB Power Switches
Rev 0; 3/12
MAX14984ETG+ MAXIM-MAX14984ETG+ Datasheet
1Mb / 12P
Enhanced VGA Port Protector with Monitor Detection and Dual USB Power Switches
Rev 0; 3/12
More results

Similar Description - MAX14980

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4952B MAXIM-MAX4952B Datasheet
1Mb / 10P
Dual 1.5/3.0/6.0Gbps SAS/SATA Redriver
Rev 0; 1/10
logo
Texas Instruments
SN75LVCP600S TI1-SN75LVCP600S Datasheet
2Mb / 25P
1.5/3.0/6.0 Gbps SATA/SAS Redriver
logo
Maxim Integrated Produc...
MAX14950 MAXIM-MAX14950 Datasheet
3Mb / 17P
Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
logo
Texas Instruments
SN65LVPE801 TI1-SN65LVPE801 Datasheet
3Mb / 34P
8.0 Gbps SATA Express Equalizer and Redriver
logo
Pericom Semiconductor C...
PI3EQX6801 PERICOM-PI3EQX6801 Datasheet
375Kb / 1P
6.5Gbps, 1-port, 1.5V/3.3V SATA/SAS ReDriver
logo
Texas Instruments
SN75LVPE801 TI1-SN75LVPE801 Datasheet
3Mb / 34P
8.0 Gbps SATA Express Equalizer and Redriver
logo
Maxim Integrated Produc...
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
MAX4952 MAXIM-MAX4952 Datasheet
604Kb / 11P
Quad Equalized 1.5/3.0/6.0GT/s SAS/SATA Redriver
19-4574; Rev 0; 4/09
MAX14970 MAXIM-MAX14970 Datasheet
1Mb / 12P
Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14986 MAXIM-MAX14986 Datasheet
892Kb / 11P
Dual 6GT/s SAS/SATA Redriver with Equalization and Extended Temperature Operation
19-6639; Rev 0; 3/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com