Electronic Components Datasheet Search
  English  ▼

X  

MAX31740 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX31740
Description  Ultra-Simple Fan-Speed Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31740 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX31740 Datasheet HTML 1Page - Maxim Integrated Products MAX31740 Datasheet HTML 2Page - Maxim Integrated Products MAX31740 Datasheet HTML 3Page - Maxim Integrated Products MAX31740 Datasheet HTML 4Page - Maxim Integrated Products MAX31740 Datasheet HTML 5Page - Maxim Integrated Products MAX31740 Datasheet HTML 6Page - Maxim Integrated Products MAX31740 Datasheet HTML 7Page - Maxim Integrated Products MAX31740 Datasheet HTML 8Page - Maxim Integrated Products MAX31740 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MAX31740
Ultra-Simple Fan-Speed Controller
Maxim Integrated │ 4
www.maximintegrated.com
(TA=+25°C,unlessotherwisenoted.)
PWM_OUT OUTPUT FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
110
80
50
20
10
25
30
35
40
45
50
20
-40
VDD = 3.3V,
CF = 330nF,
CL = 10pF
POWER-SUPPLY CURRENT
vs. POWER-SUPPLY VOLTAGE
POWER-SUPPLY VOLTAGE (V)
5.0
5.5
4.5
4.0
3.5
500
550
600
650
450
3.0
6.0
CF = 330nF,
DUTY CYCLE = 50%
-40°C
+125°C
MEASURED PWM OUTPUT FREQUENCY
vs. FREQ INPUT CAPACITANCE
FREQ INPUT CAPACITANCE (F)
1.E-07
1.E-08
1.E-09
1.E+02
1.E+03
1.E+04
1.E+05
1.E+01
1.E-10
1.E-06
TA = +25°C
PWM_OUT OUTPUT VOLTAGE HIGH
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
-4
-6
-8
3.05
3.10
3.15
3.20
3.25
3.30
3.00
-10
0
-2
VDD = 3.3V,
TA = +25°C
PWM DUTY CYCLE
vs. DMIN INPUT BIAS
DMIN BIAS (%VDD)
45%
30%
15%
20
40
60
80
100
0
0%
VDD = 3.3V,
TA = +25°C
PWM_OUT OUTPUT VOLTAGE LOW
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
15
10
5
0.1
0.2
0.3
0.4
0
0
20
VDD = 3.3V,
TA = +25°C
THEROETICAL PWM OUTPUT FREQUENCY
vs. FREQ INPUT CAPACITANCE
FREQ INPUT CAPACITANCE (F)
1.E-07
1.E-08
1.E-09
1.E+02
1.E+03
1.E+04
1.E+05
1.E+01
1.E-10
1.E-06
TA = +25°C
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com