Electronic Components Datasheet Search
  English  ▼

X  

MAX35101 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX35101
Description  Time-to-Digital Converter with Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX35101 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX35101 Datasheet HTML 1Page - Maxim Integrated Products MAX35101 Datasheet HTML 2Page - Maxim Integrated Products MAX35101 Datasheet HTML 3Page - Maxim Integrated Products MAX35101 Datasheet HTML 4Page - Maxim Integrated Products MAX35101 Datasheet HTML 5Page - Maxim Integrated Products MAX35101 Datasheet HTML 6Page - Maxim Integrated Products MAX35101 Datasheet HTML 7Page - Maxim Integrated Products MAX35101 Datasheet HTML 8Page - Maxim Integrated Products MAX35101 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FLASH
Data Retention
DR
TA = +25°C
100
Years
Flash Endurance
NFLASH
TA = +25°C
20k
Cycles
Block Flash Erase Time
tERASE
50
ms
LDO Stabilization Time
tSTABLE
135
µs
Word Write Time
tWRITE
72
100
µs
Transfer Configuration to Flash
Command Time
tCONFIG
35
ms
EXECUTION TIMES
Power-On-Reset Time
tRESET
Reset to POR INT
275
µs
INIT Command Time
tINIT
Command received when INIT bit set
2.5
ms
Case Switch Time
tCSW
CSW pin logic-high until CSWI bit set
20
ns
CAL Command Time
tCAL
Command received when CAL bit set
1.25
ms
SERIAL PERIPHERAL INTERFACE
DIN to SCK Setup
tDC
20
ns
SCK to DIN Hold
tCDH
2
20
ns
SCK to DOUT Delay
tCDD
5
20
ns
SCK Low Time
tCL
VCC ≥ 3.0V
25
4
ns
VCC = 2.3V
50
30
SCK High Time
tCH
25
4
ns
SCK Frequency
tCLK
VCC ≥ 3.0V
20
MHz
VCC = 2.3V
10
CE to SCK Setup
tCC
5
40
ns
SCK to CE Hold
tCCH
20
ns
CE Inactive Time
tCWH
2
40
ns
CE to DOUT High Impedance
tCCZ
5
20
ns
MAX35101
Time-to-Digital Converter with Analog Front-End
www.maximintegrated.com
Maxim Integrated │ 4
(VCC = 2.3V to 3.6V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3.0V and TA = +25°C.) (Notes 2, 3)
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com