Electronic Components Datasheet Search
  English  ▼

X  

SH7040 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SH7040
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7040 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SH7040 Datasheet HTML 9Page - Renesas Technology Corp SH7040 Datasheet HTML 10Page - Renesas Technology Corp SH7040 Datasheet HTML 11Page - Renesas Technology Corp SH7040 Datasheet HTML 12Page - Renesas Technology Corp SH7040 Datasheet HTML 13Page - Renesas Technology Corp SH7040 Datasheet HTML 14Page - Renesas Technology Corp SH7040 Datasheet HTML 15Page - Renesas Technology Corp SH7040 Datasheet HTML 16Page - Renesas Technology Corp SH7040 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 923 page
background image
Section
Page
Description
22.7.4 Erase-Verify
Mode
Figure 22.14
Erase/Erase-Verify
Flowchart
713
Figure amended
End of erasing
Start
Set SWE bit in FLMCR1
Set ESU1(2) bit in FLMCR1(2)
Set E1(2) bit in FLMCR1(2)
Wait 10
µs
Wait 200
µs
n = 1
Set EBR1(2)
Enable WDT
*3
*5
*5
*5
*5
*5
*5
*5
*5
*5
*5
Wait 5 ms
Wait 10
µs
Wait 10
µs
Wait 20
µs
Set block start address to verify address
Wait 2
µs
Wait 5
µs
*2
*4
Start erase
Clear E1(2) bit in FLMCR1(2)
Clear ESU1(2) bit in FLMCR1(2)
Set EV1(2) bit in FLMCR1(2)
H'FF dummy write to verify address
Read verify data
Clear EV1(2) bit in FLMCR1(2)
Wait 5
µs
Clear EV1(2) bit in FLMCR1(2)
Clear SWE bit in FLMCR1
Disable WDT
Halt erase
*1
Verify data = all "1"?
Last address of block?
End of
erasing of all erase
blocks?
Erase failure
Clear SWE bit in FLMCR1
n
≥ 60?
NG
NG
NG
NG
OK
OK
OK
OK
n
← n + 1
Increment
address
Notes: *1 Preprogramming (setting erase block data to all “0”) is not necessary.
*2 Verify data is read in 32-bit (longword) units.
*3 Set only one bit in EBR1(2). More than one bit cannot be set.
*4 Erasing is performed in block units. To erase a number of blocks, each block must be erased in turn.
*5 Make sure to set the wait times and repetitions as specified. Erasing may not complete correctly if values other
than the specified ones are used.
24.4.2 Canceling the
Standby Mode
747
Cancellation by a Manual Reset deleted
25. Electrical
Characteristics (5V,
33.3 MHz Version)
—
Deleted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com