Electronic Components Datasheet Search
  English  ▼

X  

SH7043 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7043
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7043 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7043 Datasheet HTML 35Page - Renesas Technology Corp SH7043 Datasheet HTML 36Page - Renesas Technology Corp SH7043 Datasheet HTML 37Page - Renesas Technology Corp SH7043 Datasheet HTML 38Page - Renesas Technology Corp SH7043 Datasheet HTML 39Page - Renesas Technology Corp SH7043 Datasheet HTML 40Page - Renesas Technology Corp SH7043 Datasheet HTML 41Page - Renesas Technology Corp SH7043 Datasheet HTML 42Page - Renesas Technology Corp SH7043 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 923 page
background image
1
Section 1 SH7040 Series Overview
1.1
SH7040 Series Overview
The SH7040 Series (SH7040/41/42/43/44/45) CMOS single-chip microprocessors integrate a
Renesas-original architecture, high-speed CPU with peripheral functions required for system
configuration.
The CPU has a RISC-type instruction set
. Most instructions can be executed in one clock cycle,
which greatly improves instruction execution speed
. In addition, the 32-bit internal-bus
architecture enhances data processing power. With this CPU, it has become possible to assemble
low cost, high performance/high-functioning systems, even for applications that were previously
impossible with microprocessors, such as real-time control, which demands high speeds. In
particular, the SH7040 series has a 1-kbyte on-chip cache, which allows an improvement in CPU
performance during external memory access.
In addition, the SH7040 Series includes on-chip peripheral functions necessary for system
configuration, such as large-capacity ROM and RAM, timers, a serial communication interface
(SCI), an A/D converter, an interrupt controller, and I/O ports. Memory or peripheral LSIs can be
connected efficiently with an external memory access support function. This greatly reduces
system cost.
In addition to the masked-ROM versions of the SH7040 series, the SH7042 and SH7043 have a
ZTAT™*
1 version with user-programmable on-chip PROM and the SH7044 and SH7045 have an
F-ZTAT
TM
*2 version with on-chip flash memory. These versions enable users to respond quickly
and flexibly to changing application specifications, growing production volumes, and other
conditions.
Notes: *1 ZTAT (Zero Turn-Around Time) is a registered trademark of Renesas Technology
Corp.
*2 F-ZTAT (Flexible ZTAT) is a trademark of Renesas Technology Corp.
1.1.1
SH7040 Series Features
CPU:
• Original Renesas architecture
• 32-bit internal data bus
• General-register machine
 Sixteen 32-bit general registers
 Three 32-bit control registers
 Four 32-bit system registers
• RISC-type instruction set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com