Electronic Components Datasheet Search
  English  ▼

X  

LTM4646 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4646
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4646 Datasheet(HTML) 4 Page - Analog Devices

  LTM4646 Datasheet HTML 1Page - Analog Devices LTM4646 Datasheet HTML 2Page - Analog Devices LTM4646 Datasheet HTML 3Page - Analog Devices LTM4646 Datasheet HTML 4Page - Analog Devices LTM4646 Datasheet HTML 5Page - Analog Devices LTM4646 Datasheet HTML 6Page - Analog Devices LTM4646 Datasheet HTML 7Page - Analog Devices LTM4646 Datasheet HTML 8Page - Analog Devices LTM4646 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM4705
4
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
1.0V Output Transient Response
1.2V Output Transient Response
1.5V Output Transient Response
1.8V Output Transient Response
2.5V Output Transient Response
3.3V Output Transient Response
50s/DIV
4705 G04
VOUT
(AC-COUPLED)
50mV/DIV
LOAD STEP
500mA/DIV
VIN = 12V, VOUT = 1V, fSW = 1MHz
COUT = 2× 47F + 10F CERAMIC CAPACITORS
CFF = 100pF
1.25A (25%) LOAD STEP, 1A/s
50s/DIV
4705 G05
VOUT
(AC-COUPLED)
50mV/DIV
LOAD STEP
500mA/DIV
VIN = 12V, VOUT = 1.2V, fSW = 1MHz
COUT = 2× 47F + 10F CERAMIC CAPACITORS
CFF = 100pF
1.25A (25%) LOAD STEP, 1A/s
50s/DIV
4705 G06
VOUT
(AC-COUPLED)
50mV/DIV
LOAD STEP
500mA/DIV
VIN = 12V, VOUT = 1.5V, fSW = 1MHz
COUT = 2× 47F + 10F CERAMIC CAPACITORS
CFF = 100pF
1.25A (25%) LOAD STEP, 1A/s
50s/DIV
4705 G07
VOUT
(AC-COUPLED)
50mV/DIV
LOAD STEP
500mA/DIV
VIN = 12V, VOUT = 1.8V, fSW = 1MHz
COUT = 2× 47F + 10F CERAMIC CAPACITORS
CFF = 100pF
1.25A (25%) LOAD STEP, 1A/s
50s/DIV
4705 G08
VOUT
(AC-COUPLED)
50mV/DIV
LOAD STEP
500mA/DIV
VIN = 12V, VOUT = 2.5V, fSW = 1MHz
COUT = 2× 47F + 10F CERAMIC CAPACITORS
CFF = 100pF
1.25A (25%) LOAD STEP, 1A/s
50s/DIV
4705 G09
VOUT
(AC-COUPLED)
100mV/DIV
LOAD STEP
500mA/DIV
VIN = 12V, VOUT = 3.3V, fSW = 1MHz
COUT = 2× 47F + 10F CERAMIC CAPACITORS
CFF = 100pF
1.25A (25%) LOAD STEP, 1A/s
Efficiency vs Load Current
from 5VIN
Efficiency vs Load Current
from 12VIN
LOAD CURRENT (A)
0
1
2
3
4
5
60
65
70
75
80
85
90
95
100
4705 G01
2.5VOUT
3.3VOUT
1.8VOUT
1.5VOUT
1.2VOUT
1.0VOUT
LOAD CURRENT (A)
0
1
2
3
4
5
60
65
70
75
80
85
90
95
100
4705 G02
2.5VOUT
3.3VOUT
1.8VOUT
5.0VOUT
1.5VOUT
1.2VOUT
1.0VOUT
LOAD CURRENT (mA)
0.01
0.1
1
0
10
20
30
40
50
60
70
80
90
100
CCM
Burst Mode OPERATION
4705 G03
Burst Mode Efficiency, 12VIN,
1.5VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com