| Electronic Components Datasheet Search |
|
DS1007-1 Datasheet(PDF) 1 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS1007-1 Datasheet(HTML) 1 Page - Maxim Integrated Products |
|
1 / 6 page ![]() 1 of 6 111799 FEATURES All-silicon time delay 7 independent buffered delays Delay tolerance ±2 ns Four delays can be custom set between 3 ns and 10 ns Three delays can be custom set between 9 ns and 40 ns Delays are stable and precise Economical Auto-insertable, low profile Surface mount 16-pin SOIC Low-power CMOS TTL/CMOS-compatible Vapor phase, IR and wave solderable Custom specifications available Quick turn prototypes PIN ASSIGNMENT PIN DESCRIPTION IN1 - IN7 - Inputs Out1 – Out7 - Outputs GND - Ground VCC - +5 Volts DESCRIPTION The DS1007 7-in-1 Silicon Delay Line provides seven independent delay times which are set by Dallas Semiconductor to the customer’s specification. The delay times can be set from 3 ns to 40 ns with an accuracy of ±2 ns at room temperature. The device is offered in both a 16-pin DIP and a 16-pin SOIC. Since the DS1007 is an all-silicon solution, better economy and reliability are achieved when compared to older methods using hybrid technology. The DS1007 reproduces the input logic state at the output after the fixed delay. Dallas Semiconductor can customize standard products to meet special needs. For special requests and rapid delivery, call (972) 371–4348. DS1007 7-1 Silicon Delay Line www.dalsemi.com DS1007S 16-Pin SOIC (300-mil) See Mech. Drawings Section IN1 OUT1 IN2 OUT2 IN5 VCC IN6 OUT3 GND IN7 OUT6 OUT7 OUT4 IN3 1 2 3 4 5 6 7 16 15 14 13 12 8 9 10 11 OUT5 IN4 IN1 OUT1 IN2 OUT2 IN5 VCC IN6 OUT3 GND IN7 OUT6 OUT7 OUT4 IN3 1 2 3 4 5 6 7 16 15 14 13 12 8 9 10 11 OUT5 IN4 DS1007 16-Pin DIP (300-mil) See Mech. Drawings Section |
Similar Part No. - DS1007-1 |
|
Similar Description - DS1007-1 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |