Electronic Components Datasheet Search
  English  ▼

X  

564845 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 564845
Description  One-way flow control valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

564845 Datasheet(HTML) 1 Page - Festo Corporation.

  564845 Datasheet HTML 1Page - Festo Corporation. 564845 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
One-way flow control valve
GRLA-1/2-QB-5/16-U
Part number: 564845
Data sheet
Feature
Value
Type code
GRLA
Valve function
Exhaust air flow control non-return function
Pneumatic connection 1
QB-5/16
Pneumatic connection 2
1/2 NPT
Actuation type
Manual
Adjusting element
Slotted screw
Type of mounting
Screw-in
With external thread
Standard nominal flow rate in flow control direction
5389.83 l/min
Standard nominal flow rate in non-return direction
4144.068 l/min ... 5491.525 l/min
Ambient temperature
0 °C ... 60 °C
Mounting position
Any
Symbol
00991452
Operating pressure for entire temperature range
-0.951 bar ... 7.998 bar
Standard flow rate in flow control direction 6 -> 0 bar
7538.1 l/min
Standard flow rate in non-return direction at 6 -> 0 bar
7576.271 l/min ... 7830.508 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
0 °C ... 60 °C
Max. tightening torque
28.065 Nm
Product weight
103.761 g
Material of screwed trunnion
Brass
Nickel-plated
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Seals material
NBR
Hollow bolt material
Brass
Nickel-plated
Releasing ring material
POM
11/3/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 564845

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
564840 FESTO-564840 Datasheet
88Kb / 2P
One-way flow control valve
564841 FESTO-564841 Datasheet
88Kb / 2P
One-way flow control valve
564842 FESTO-564842 Datasheet
88Kb / 2P
One-way flow control valve
564843 FESTO-564843 Datasheet
87Kb / 2P
One-way flow control valve
564844 FESTO-564844 Datasheet
87Kb / 2P
One-way flow control valve
More results

Similar Description - 564845

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
151160 FESTO-151160 Datasheet
91Kb / 2P
One-way flow control valve
151167 FESTO-151167 Datasheet
93Kb / 2P
One-way flow control valve
151189 FESTO-151189 Datasheet
92Kb / 1P
One-way flow control valve
151190 FESTO-151190 Datasheet
94Kb / 1P
One-way flow control valve
152611 FESTO-152611 Datasheet
91Kb / 1P
One-way flow control valve
161407 FESTO-161407 Datasheet
86Kb / 2P
One-way flow control valve
162966 FESTO-162966 Datasheet
86Kb / 2P
One-way flow control valve
162968 FESTO-162968 Datasheet
87Kb / 2P
One-way flow control valve
175041 FESTO-175041 Datasheet
96Kb / 1P
One-way flow control valve
175043 FESTO-175043 Datasheet
96Kb / 1P
One-way flow control valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com