Electronic Components Datasheet Search
  English  ▼

X  

BIS00U6 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS00U6
Description  LF (125 kHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00U6 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS00U6 Datasheet HTML 1Page - Balluff Korea Ltd. BIS00U6 Datasheet HTML 2Page - Balluff Korea Ltd. BIS00U6 Datasheet HTML 3Page - Balluff Korea Ltd. BIS00U6 Datasheet HTML 4Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LF (125 kHz)
BIS VL-301-001-S4
Order Code: BIS00U6
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 222805
ETIM 6.0: EC002998
BIS00U6_2.22_2021-07-09
1 / 4
9) Sensing surface, 10) Clear zone
Basic features
Antenna type
round
Approval/Conformity
CE
WEEE
EAC
EN 55011
Size 1, Cl. A
Principle of operation
Read/write head
Electrical connection
Connection
M12x1-Male, 4-pin
Environmental conditions
Ambient temperature
0...70 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Storage temperature
-20...85 °C
Material
Housing material
PBT
Mechanical data
Application weight
410.00 g
Dimension
80 x 80 x 40 mm
Installation
metal-free (clear zone)


Similar Part No. - BIS00U6

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00U0 BALLUFF-BIS00U0 Datasheet
138Kb / 2P
UHF (860...960 MHz)
BIS00U9 BALLUFF-BIS00U9 Datasheet
144Kb / 3P
Multi-Frequency Processor
BIS00UF BALLUFF-BIS00UF Datasheet
935Kb / 4P
LF (125 kHz)
BIS00UH BALLUFF-BIS00UH Datasheet
936Kb / 4P
LF (125 kHz)
BIS00UJ BALLUFF-BIS00UJ Datasheet
439Kb / 3P
LF (125 kHz)
More results

Similar Description - BIS00U6

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00K0 BALLUFF-BIS00K0 Datasheet
175Kb / 7P
LF (125 kHz)
BIS00KJ BALLUFF-BIS00KJ Datasheet
93Kb / 1P
LF (125 kHz)
BIS00KK BALLUFF-BIS00KK Datasheet
94Kb / 1P
LF (125 kHz)
BCC00R3 BALLUFF-BCC00R3 Datasheet
92Kb / 1P
LF (125 kHz)
BIS00CC BALLUFF-BIS00CC Datasheet
192Kb / 4P
LF (125 kHz)
BIS00CN BALLUFF-BIS00CN Datasheet
191Kb / 3P
LF (125 kHz)
BIS00CU BALLUFF-BIS00CU Datasheet
191Kb / 3P
LF (125 kHz)
BIS003C BALLUFF-BIS003C Datasheet
105Kb / 2P
LF (125 kHz)
BIS003L BALLUFF-BIS003L Datasheet
103Kb / 1P
LF (125 kHz)
BIS003T BALLUFF-BIS003T Datasheet
93Kb / 2P
LF (125 kHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com