Electronic Components Datasheet Search
  English  ▼

X  

SR520 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SR520
Description  Axial Series Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SR520 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SR520 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SR520 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
特性曲线 Characteristic Curves
Typical Reverse Characteristics
环境温度 Ta(°C)
正向电流降额曲线
FORWARD CURRENT DERATING CURVE
浪涌特性曲线(最大值)
反向特性曲线
Tamb, ambient temperature (°C)
正向特性曲线(典型值)
TYPICAL FORWARD CHARACTERISTIC
VF Instantaneous Forward Voltage (V)
正向电压 VF(V)
额定峰值反向电压%
Percent Of Rated Peak Reverse voltage %
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
通过电流的周期
Number of Cycles at 60 Hz.
0
1
2
3
4
5
0
25
50
75
100
125
150
175
0
30
60
90
120
150
1
10
100
1
10
100
1000
0%
20%
40%
60%
80%
100%
SR520~SR560
SR580~SR5200
SR520~SR560
SR580~SR5200
Tj=25℃
SR520-SR5200
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev 2.0 :
www.leiditech.com
12.01.2019
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com