Electronic Components Datasheet Search
  English  ▼

X  

ZM4721 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ZM4721
Description  for use in stabilizing and clipping circuits with high power rating.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ZM4721 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ZM4721 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ZM4721 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ZM4721 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
for use in stabilizing and clipping circuits with high
power rating. Standard Zener voltage tolerance is
±10%. Add suffix "A" for ±5% tolerance and suffix "B"
for ±2% tolerance. Other tolerances available are upon
request.
These diodes are also available in DO-41 case with the
type designation 1N4727...1N4761
Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
1
1)
W
Junction Temperature
Tj
175
℃
Storage Temperature Range
Tstg
- 65 to + 175
℃
1) Valid provided that electrodes are kept at ambient temperature.
Characteristics at Ta = 25℃
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RθJA
170
1)
K/W
Forward Voltage
at IF = 200 mA
VF
1.2
V
1) Valid provided that electrodes are kept at ambient temperature.
LL-41
ZM4721-ZM4761
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - ZM4721

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZM4728 SEMTECH-ZM4728 Datasheet
226Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
General Semiconductor
ZM4728 GE-ZM4728 Datasheet
69Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
EIC discrete Semiconduc...
ZM4728 EIC-ZM4728 Datasheet
34Kb / 2P
ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
ZM4728 SEMTECH_ELEC-ZM4728 Datasheet
241Kb / 3P
SILICON PLANAR ZENER DIODES
More results

Similar Description - ZM4721

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCA7010VEA7506 ETC-VCA7010VEA7506 Datasheet
273Kb / 1P
Video Equalizing Amplifier with Clipping and Clamping
FRC4 ETC1-FRC4 Datasheet
127Kb / 2P
High Contact Rating (30A) High Temperature Design Ideal For Use in Automobile Quick Connect Terminal
logo
NXP Semiconductors
PF86 PHILIPS-PF86 Datasheet
134Kb / 5P
PENTODE FOR USE IN TRANSITRON CIRCUITS
1.1.1960
logo
Suntan Capacitors
1N4727A SUNTAN-1N4727A Datasheet
475Kb / 5P
For use in stabilizing and clipping circuits with high
ZM4728 SUNTAN-ZM4728 Datasheet
471Kb / 4P
For use in stabilizing and clipping circuits with high power rating
logo
WALSIN TECHNOLOGY CORPO...
MR18X WALSIN-MR18X Datasheet
418Kb / 7P
High power rating and compact size
WF25H WALSIN-WF25H Datasheet
186Kb / 7P
High power rating and compact size
WK12L WALSIN-WK12L Datasheet
478Kb / 8P
High power rating and compact size
WK25S WALSIN-WK25S Datasheet
263Kb / 7P
High power rating and compact size
logo
Shanghai Leiditech Elec...
1N4727A LEIDITECH-1N4727A Datasheet
763Kb / 4P
for use in stabilizing and clipping circuits with high power rating.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com