Electronic Components Datasheet Search
  English  ▼

X  

BIS0108 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS0108
Description  HF (13.56 MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS0108 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS0108 Datasheet HTML 1Page - Balluff Korea Ltd. BIS0108 Datasheet HTML 2Page - Balluff Korea Ltd. BIS0108 Datasheet HTML 3Page - Balluff Korea Ltd. BIS0108 Datasheet HTML 4Page - Balluff Korea Ltd. BIS0108 Datasheet HTML 5Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HF (13.56 MHz)
BIS M-400-072-001-07-S4
Order Code: BIS0108
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 228503
ETIM 6.0: EC002998
BIS0108_2.26_2021-07-09
2 / 5
Mechanical data
Application weight
100.00 g
Dimension
Ø 30 x 83 mm
Installation
metal-free (clear zone)
Size
M30x1.5
Remarks
When installing, the technical standards and regulations of the corresponding countries must be observed.
Use included nuts for installation.
Values are under rated conditions unless otherwise specified.
For installation in metal: Observe clear zone.
For basic equipment: Accessories see www.balluff.com
Connector Drawings
1) View towards connector
2) BSI service interface
3) Do not connect power
4) (Only for Balluff Service)
Help Views



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com