Electronic Components Datasheet Search
  English  ▼

X  

VC1019 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VC1019
Description  axial inductors offers the user excellent reliability, over a wide inductance range, along with high current handling.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VC1019 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VC1019 Datasheet HTML 1Page - List of Unclassifed Manufacturers VC1019 Datasheet HTML 2Page - List of Unclassifed Manufacturers VC1019 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ECM High Power Axial Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
RDC
MAX
(
Ω
Ω)
IDC
ISAT
(A)
IDC
IN
(A)
VC1019-103
10000
K
7.300
0.266
0.25
VC1019-123
12000
K
9.210
0.241
0.20
VC1019-153
15000
K
10.50
0.214
0.20
VC1019-183
18000
K
14.80
0.198
0.16
VC1019-223
22000
K
21.80
0.180
0.13
VC1019-273
27000
K
22.70
0.162
0.13
VC1019-333
33000
K
25.70
0.146
0.13
VC1019-393
39000
K
31.80
0.135
0.10
VC1019-473
47000
K
36.10
0.122
0.10
VC1019-563
56000
K
40.90
0.112
0.10
VC1019-683
68000
K
57.30
0.101
0.08
VC1019-823
82000
K
79.30
0.090
0.07
VC1019-104
100000
K
89.70
0.081
0.07
TOLERANCE: K=10%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com