Electronic Components Datasheet Search
  English  ▼

X  

33152430200375 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 33152430200375
Description  Har-flex 26Pole,Dul-end,W/O SR,L=200mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

33152430200375 Datasheet(HTML) 1 Page - HARTING Technology Group

  33152430200375 Datasheet HTML 1Page - HARTING Technology Group 33152430200375 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
33 15 243 0200 375
Har-flex 26Pole,Dul-end,W/O SR,L=200mm
Har-flex 26Pole,Dul-end,W/O SR,L=200mm
Image is for illustration purposes only. Please refer to product description.
Part number
33 15 243 0200 375
Specification
Har-flex 26Pole,Dul-end,W/O
SR,L=200mm
HARTING eCatalogue
https://b2b.harting.com/33152430200375
Identification
Category
System cabling
Series
har-flex®
Element
Cable assemblies
Specification
Pre-assembled on both sides
Connector 1
har-flex®
Female connector
Connector 2
har-flex®
Female connector
Different connector direction
Type of cable
Copper cable (flat)
Version
Cable length
0.2 m
Number of cores
26
Core structure
26x AWG 30
Material properties
Material (cable)
PVC
Colour (cable)
Grey
RoHS
compliant
ELV status
compliant
China RoHS
e
REACH Annex XVII substances
No
REACH ANNEX XIV substances
No
Page 1 / 2 | Creation date 2021-08-18 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Customised Solutions GmbH & Co. KG | In der Tütenbeke 22 | 32339 Espelkamp | Germany
Phone +49 5772 47-0 | info@HARTING.com | www.HARTING.com


Similar Part No. - 33152430200375

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
33152430200373 HARTING-33152430200373 Datasheet
702Kb / 2P
Har-flex 6Pole,Dul-end,W/O SR,L=200mm
33152430200374 HARTING-33152430200374 Datasheet
702Kb / 2P
Har-flex 12Pole,Dul-end,W/O SR,L=200mm
33152430200376 HARTING-33152430200376 Datasheet
702Kb / 2P
Har-flex 32Pole,Dul-end,W/O SR,L=200mm
33152430200377 HARTING-33152430200377 Datasheet
702Kb / 2P
Har-flex 50Pole,Dul-end,W/O SR,L=200mm
33152430200378 HARTING-33152430200378 Datasheet
702Kb / 2P
Har-flex 68Pole,Dul-end,W/O SR,L=200mm
More results

Similar Description - 33152430200375

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
33-15-243-0500-125 HARTING-33-15-243-0500-125 Datasheet
472Kb / 2P
Har-flex 26Pole,Dul-end,W/O SR,L=500mm
33-15-243-0500-375 HARTING-33-15-243-0500-375 Datasheet
702Kb / 2P
Har-flex 26Pole,Dul-end,W/O SR,L=500mm
33-15-243-0100-375 HARTING-33-15-243-0100-375 Datasheet
702Kb / 2P
Har-flex 26Pole,Dul-end,W/O SR,L=100mm
33-15-243-0200-125 HARTING-33-15-243-0200-125 Datasheet
473Kb / 2P
Har-flex 26Pole,Dul-end,W/O SR,L=200mm
33-15-243-0200-147 HARTING-33-15-243-0200-147 Datasheet
473Kb / 2P
Har-flex 50Pole,Dul-end,W/O SR,L=200mm
33-15-243-0200-374 HARTING-33-15-243-0200-374 Datasheet
702Kb / 2P
Har-flex 12Pole,Dul-end,W/O SR,L=200mm
33-15-243-0200-378 HARTING-33-15-243-0200-378 Datasheet
702Kb / 2P
Har-flex 68Pole,Dul-end,W/O SR,L=200mm
33-15-243-0200-379 HARTING-33-15-243-0200-379 Datasheet
702Kb / 2P
Har-flex 68Pole,Dul-end,W/O SR,L=200mm
33-15-243-0200-380 HARTING-33-15-243-0200-380 Datasheet
473Kb / 2P
Har-flex 26Pole,Dul-end,W/O SR,L=200mm
33-15-243-0100-125 HARTING-33-15-243-0100-125 Datasheet
473Kb / 2P
Har-flex 26Pole,Dul-end,W/O SR,L=100mm
2021-08-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com