Electronic Components Datasheet Search
  English  ▼

X  

BC856 Datasheet(PDF) 12 Page - FutureWafer Tech Co.,Ltd

Part # BC856
Description  PNP Silicon Epitaxial General Purpose Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BC856 Datasheet(HTML) 12 Page - FutureWafer Tech Co.,Ltd

Back Button BC856 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 10Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 11Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 12Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
Document Number:F51841P
21-May-2021 V 2.0
www.futurewafer.com.tw
BC856 / BC857 / BC858
PNP Silicon Epitaxial
General Purpose Transistors
12. History
Version
Date
File No.
Recording
Basis
A
10-Jul-2018
New Create
Market
F51841P
B
03-Apr-2019
Update Company Information
System
2.0
21-May-2021
Update Version
System
Futurewafer Technology Co.,Ltd 台灣未來芯科技股份有限公司
Tel :+886-3-3350161/FAX :+886-3-3350172
cherry@futurewafer.com.tw
No. 286-14, Sec. 3, Sanmin Rd., Taoyuan Dist., Taoyuan City 330, Taiwan
11. Ordering Information
Part No.
Marking
Package Type
Shipping
BC856A
3A
SOT-23
3,000PCS/Tape @Reel
BC856B
3B
BC856C
3C
BC857A
3E
BC857B
3F
BC857C
3G
BC858A
3E
BC858B
3F
BC858C
3G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com