Electronic Components Datasheet Search
  English  ▼

X  

DS1682 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1682
Description  Total-Elapsed-Time Recorder with Alarm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1682 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1682 Datasheet HTML 5Page - Maxim Integrated Products DS1682 Datasheet HTML 6Page - Maxim Integrated Products DS1682 Datasheet HTML 7Page - Maxim Integrated Products DS1682 Datasheet HTML 8Page - Maxim Integrated Products DS1682 Datasheet HTML 9Page - Maxim Integrated Products DS1682 Datasheet HTML 10Page - Maxim Integrated Products DS1682 Datasheet HTML 11Page - Maxim Integrated Products DS1682 Datasheet HTML 12Page - Maxim Integrated Products DS1682 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Alarm
The alarm register is a 32-bit register that holds time in
quarter-second resolution. When a nonzero number is
programmed into the alarm register, the ALARM func-
tion is enabled and the DS1682 monitors the values in
the ETC for the programmed value in the alarm register.
When the ETC matches the alarm value, the alarm flag
is set.
EEPROM Array
When power is applied, the contents of the EEPROM are
transferred to the configuration register, alarm register,
ETC, event counter, and user memory. When the event
pin goes low, VCC must remain above VCC minimum for
tEW to ensure the EEPROM is properly written.
The EEPROM array for the ETC and the event counter is
made up of three banks. Each bank can be written a maxi-
mum of 50k times. The device switches between banks
based upon the value in the event counter. Resetting the
event counter before the counter reaches 50,000 causes
additional writes to the first bank, which can allow writes
in excess of 50k. If the event counter is set to greater
than 50k or 100k prior to reset, the device stays on the
selected bank. This could result in writes in excess of 50k
to one bank.
The configuration and alarm registers and the user mem-
ory are held in one bank of EEPROM. Writes at the end
of an event only occur if the data has changed in one or
more of those registers.
User-modified data in any of the registers is stored in
EEPROM only if the data was written while an event was
active and is stored when the event ends.
Event Counter Register
This 17-bit event counter register set provides the total
number of data samples logged during the life of the prod-
uct up to 131,072 separate events. The event counter
consists of 2 bytes of memory in the memory map plus
the event counter MSB bit (ECMSB) in the configuration
register. Once the event counter reaches 1FFFFh, event
counting stops.
Reset Command
If RE is set to a 1, a reset occurs when a reset command
is sent through the 2-wire bus. A reset command is issued
by writing 55h twice into memory location 1Dh. The writes
need not be consecutive. Cycling power on VCC prior to
the second write terminates the reset sequence.
Upon reset, the ETC and event counter registers are
cleared. The AF, RE, and ECMSB bits are cleared by the
device, and the configuration register becomes read-only.
The data are written to the EEPROM, and additional
resets are ignored.
When a reset command is issued, no additional command
should be issued during the EEPROM write time (tEW).
DS1682
Total-Elapsed-Time Recorder
with Alarm
www.maximintegrated.com
Maxim Integrated │ 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com