Electronic Components Datasheet Search
  English  ▼

X  

MAX14778 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14778
Description  Dual 짹25V Above- and Below-the-Rails 4:1 Analog Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14778 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14778 Datasheet HTML 1Page - Maxim Integrated Products MAX14778 Datasheet HTML 2Page - Maxim Integrated Products MAX14778 Datasheet HTML 3Page - Maxim Integrated Products MAX14778 Datasheet HTML 4Page - Maxim Integrated Products MAX14778 Datasheet HTML 5Page - Maxim Integrated Products MAX14778 Datasheet HTML 6Page - Maxim Integrated Products MAX14778 Datasheet HTML 7Page - Maxim Integrated Products MAX14778 Datasheet HTML 8Page - Maxim Integrated Products MAX14778 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
(VDD = 3.0V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VDD = 5V, TA = +25°C.) (Note 1)
Note 1: All units are production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: When VDD is higher than the charge-pump threshold, the internal 5V regulated charge pump is turned off and the input to
the high-voltage charge pumps is provided by VDD.
Note 3: The MAX14778 requires a 100nF capacitor on both VP and VN to GND to guarantee full ESD protection. See the
Applications Information section for details on ESD test conditions.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AC CHARACTERISTICS
Power-Up Time
tPOR
404
ms
Enable Turn-On Time
tON
Figure 3, VIN = ±10V, RL = 10kΩ,
CL = 15pF
2
ms
Enable Turn-Off Time
tOFF
Figure 3, VIN = ±10V, RL = 10kΩ,
CL = 15pF
1.5
ms
Break-Before-Make
Interval
tBBM
Figure 4, VIN = ±10V, RL = 10kΩ,
CL = 15pF
840
µs
Charge Injection
Q
Figure 5, VA_ = 0V, CL = 1nF
1720
pC
Off-Isolation
VISO
Figure 6, VA_ = 1VRMS, f = 100kHz,
RL = 50Ω, CL = 15pF
-80
dB
Crosstalk
VCT
Figure 6, f = 100kHz, RS = RL = 50I
-103
dB
-3dB Bandwidth
BW
Figure 6, RS = 50Ω, RL = 50Ω
75
MHz
Total Harmonic Distortion
Plus Noise
THD+N
RS = RL = 1kΩ, f = 20Hz to 20kHz
0.003
%
Input Capacitance
CIN
A_, B_ pins
78
pF
THERMAL PROTECTION
Thermal-Shutdown
Threshold
TSHUT
145
°C
Thermal-Shutdown
Hysteresis
THYST
25
°C
ESD PROTECTION
A_, B_ Pins (Note 3)
Human Body Model
Q6
kV
All Other Pins
Human Body Model
Q2
kV
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX14778
Dual ±25V Above- and Below-the-Rails
4:1 Analog Multiplexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com