Electronic Components Datasheet Search
  English  ▼

X  

MAX35104 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX35104
Description  Gas Flow Meter SoC
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX35104 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX35104 Datasheet HTML 17Page - Maxim Integrated Products MAX35104 Datasheet HTML 18Page - Maxim Integrated Products MAX35104 Datasheet HTML 19Page - Maxim Integrated Products MAX35104 Datasheet HTML 20Page - Maxim Integrated Products MAX35104 Datasheet HTML 21Page - Maxim Integrated Products MAX35104 Datasheet HTML 22Page - Maxim Integrated Products MAX35104 Datasheet HTML 23Page - Maxim Integrated Products MAX35104 Datasheet HTML 24Page - Maxim Integrated Products MAX35104 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
The controller has an undervoltage comparator that deter-
mines if the target output voltage is at target voltage, con-
sidered power good, or undervoltage. If the output voltage
is below target, the switcher operates in startup limit mode
that is determined by user selectable peak current limit
set by the LT_S[3:0] bits in the Switcher 2 register. This
is essentially a slew rate control on how fast the boost
powers up and can be used to control the current signa-
tures seen by the supply battery. After the output voltage
crosses the undervoltage threshold, the switcher runs in
normal duty mode. There is an additional optional peak
current limit setting for the normal duty mode that is set by
the LT_N[3:0] bits in the Switcher 2 register. Once in nor-
mal duty mode the device waits a programmable switcher
stabilization time before a launch sequence begins. The
stabilization time ensure that the controller has reaches a
stable and repeatable output voltage each time it is pow-
ered. This time is set by the ST[3:0] bits in the Switcher 2
register. See Figure 6.
Compensation Component Values
In order to achieve standard operations the boost control-
ler requires that proper loop compensation be applied to
the error-amplifier output (COMP pin). The goal of the
compensator design is to achieve the desired closed-loop
bandwidth and sufficient phase margin at the crossover
frequency of the open-loop gain-transfer function of the
converter. The error amplifier included in the devices is a
transconductance amplifier. Figure 6 shows the compen-
sation network used to apply the necessary loop com-
pensation for the example inductor and output capacitor
values provided, where:
RZ = 22kΩ
CP = 470pF
CZ = 10nF
RSENSE
The external sense resistor value determines the peak
allowable inductor current. For a given limit trim setting,
LT_N[3:0] and LT_S[3:0] in the Switcher 2 register. Adjust
the RSENSE value to adjust the peak allowable current.
Select RSENSE based on the following criteria:
Resistor Value: Select an RSENSE resistor value in which
the largest desired current would result in a 200mV full-
scale current sense voltage. Assuming an LT_x setting of
0h, select RSENSE in accordance to the following equa-
tion and see Table 2 for examples:
RSENSE = 200mV/(Max Current)
Power Dissipation: Select a sense resistor that is rated
for the max expected current and power dissipation (watt-
age). The sense resistor’s value might drift if it is allowed
to heat up excessively.
Kelvin Sense
For best performance, a Kelvin Sense arrangement is
recommended for sense resistor as shown in Figure 7. In
a Kelvin Sense arrangement, the voltage-sensing nodes
across the sense element are placed such that they mea-
sure the true voltage drop across the sense element and
not any additional excess voltage drop that can occur in
the copper PCB traces or the solder mounting of the sense
element. Routing the differential sense lines along the
same path to the device and keeping the path short also
improves the system performance. The analog differential
current-sense traces should be routed close together to
maximize common-mode rejection.
Power Transistor
Use an n-channel MOSFET power transistor with the
MAX35104. To ensure the external n-channel MOSFET
(nFET) is turned on hard, use logic-level or low-threshold
nFETs such that the MAX35104’s internal gate driver’s 2 x
VDD supply voltage is sufficient for proper switching oper-
ation. nFETs provide the highest efficiency because they
do not draw any DC gate-drive current. When selecting
Figure 6. Boost Circuits Components
MAX35104
Gas Flow Meter SoC
www.maximintegrated.com
Maxim Integrated │ 21
0Ω
100mΩ
5µH
B340A-13-F
1µF
MAX35104
FETG
CSIN+
CSIN
COMP
RZ =
22kΩ
CZ =
10nF
CP =
470pF
VP
IRLM10060TRPBF
N
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com