Electronic Components Datasheet Search
  English  ▼

X  

MAX98372 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX98372
Description  Digital Input Class D Amplifier with DHT and Brownout Protection
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98372 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX98372 Datasheet HTML 17Page - Maxim Integrated Products MAX98372 Datasheet HTML 18Page - Maxim Integrated Products MAX98372 Datasheet HTML 19Page - Maxim Integrated Products MAX98372 Datasheet HTML 20Page - Maxim Integrated Products MAX98372 Datasheet HTML 21Page - Maxim Integrated Products MAX98372 Datasheet HTML 22Page - Maxim Integrated Products MAX98372 Datasheet HTML 23Page - Maxim Integrated Products MAX98372 Datasheet HTML 24Page - Maxim Integrated Products MAX98372 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
(VPVDD = 12V, VDVDD = 1.8V, VGND = 0V, SPK_GAIN_MAX = 0x0B (20.5dB), fBCLK = 3.072MHz, fLRCLK = 48kHz, speaker loads
(ZSPK) connected between OUTP and OUTN, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25ºC.)
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
20000
FREQUENCY (Hz)
INBAND OUTPUT SPECTRUM
ZSPK = 8Ω + 68µH
fS = 32kHz
toc44
BCLK
2V/div
LRCLK
1V/div
SPKOUT
5V/div
toc41
2ms
VOUTN
VINSIDE
VBACKUP
BCLK REMOVAL
TURN-OFF RESPONSE
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
20000
FREQUENCY (Hz)
INBAND OUTPUT SPECTRUM
ZSPK = 8Ω + 68µH
fS = 44.1kHz
toc47
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
20000
FREQUENCY (Hz)
INBAND OUTPUT SPECTRUM
ZSPK = 8Ω + 68µH
fS = 32kHz
toc42
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
20000
FREQUENCY (Hz)
INBAND OUTPUT SPECTRUM
ZSPK = 8Ω + 68µH
fS = 48kHz
toc48
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
20000
FREQUENCY (Hz)
INBAND OUTPUT SPECTRUM
ZSPK = 8Ω + 68µH
fS = 32kHz
toc43
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
20000
FREQUENCY (Hz)
INBAND OUTPUT SPECTRUM
ZSPK = 8Ω + 68µH
fS = 48kHz
toc49
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
20000
FREQUENCY (Hz)
INBAND OUTPUT SPECTRUM
ZSPK = 8Ω + 68µH
fS = 44.1kHz
toc45
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
20000
FREQUENCY (Hz)
INBAND OUTPUT SPECTRUM
ZSPK = 8Ω + 68µH
fS = 44.1kHz
toc46
Maxim Integrated │ 21
www.maximintegrated.com
MAX98372
Digital Input Class D Amplifier
with DHT and Brownout Protection
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com