Electronic Components Datasheet Search
  English  ▼

X  

196137 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 196137
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

196137 Datasheet(HTML) 1 Page - Festo Corporation.

  196137 Datasheet HTML 1Page - Festo Corporation. 196137 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
MHE2-MS1H-3/2G-QS-4-K
Part number: 196137
Data sheet
Feature
Value
Valve function
3/2, closed, monostable
Actuation type
Electrical
Width
10 mm
Standard nominal flow rate
100 l/min
Pneumatic working port
QS-4
Operating voltage
24V DC
Operating pressure
-0.09 MPa ... 0.8 MPa
Operating pressure
-0.9 bar ... 8 bar
Structural design
Pressure-relieved poppet valve
Reset method
Mechanical spring
Degree of protection
IP65
Certification
RCM compliance mark
c UL us - Recognized (OL)
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
Nominal width
2 mm
Width dimension
14 mm
Note on grid dimension
Minimum distance between the valves is 4 mm
Type code
MH2
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Non-detenting
Type of control
Direct
Flow direction
Reversible with restrictions
Symbol
00991308
Lap
Underlap
Reverse polarity protection
Bipolar
Additional functions
Spark suppression
Holding current reduction
Protective circuit
Operating pressure, reversible
-0.09 MPa ... 0.1 MPa
Operating pressure, reversible
-0.9 bar ... 1 bar
Operating pressure, reversible
-13.05 psi ... 14.5 psi
Max. switching frequency
330 Hz
Switching time off
2 ms
11/15/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 196137

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
196130 FESTO-196130 Datasheet
98Kb / 2P
Air solenoid valve
logo
Weidmuller
1961300000 WEIDMULLER-1961300000 Datasheet
372Kb / 6P
BLZP 5.00HC/16/270LH SN OR BX
logo
Festo Corporation.
196131 FESTO-196131 Datasheet
100Kb / 2P
Air solenoid valve
196132 FESTO-196132 Datasheet
91Kb / 2P
Air solenoid valve
196133 FESTO-196133 Datasheet
92Kb / 2P
Air solenoid valve
More results

Similar Description - 196137

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com