Electronic Components Datasheet Search
  English  ▼

X  

EMC15DRAF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EMC15DRAF
Description  .100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EMC15DRAF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EMC15DRAF Datasheet HTML 1Page - List of Unclassifed Manufacturers EMC15DRAF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHONE 760.744.0125
www.SullinsElectronics.com
FAX 760.744.6081
30
s›’’Œ”™
.125
[3.18]
#4-40
[3.18]
.125
[3.43]
.135
CLEARANCE
HOLE (H)
THREADED
INSERT (I)
FLOATING
BOBBIN (F)
NO MOUNTING EARS
(N)
SIDE MOUNTING
(S)
.116 [2.95],
CLEARANCE FOR
#4 SCREW
[5.84]
.230
[0.81]
.032
[5.08]
.200
[2.62]
.103
CONSULT FACTORY FOR MOLDED-IN KEY
PLA-K1
KEY IN BETWEEN CONTACTS
(ORDER SEPARATELY)
KEY REPLACES ONE PAIR OF CONTACTS
(ORDER SEPARATELY)
[1.30]
.051
[4.44]
.175
[12.83]
.505
[7.11]
.280
ETA-K3
FEATURES
* Accommodates .062" .008" PC board
(Consult factory for .032", .093" and .125" thick boards)
* PBT or PPS insulator
* Molded-in key available
* 3 amp current rating
* 10 milli ohm maximum at rated current
+_
.140 [3.56] ROW SPACING
EYELET ACCEPTS 3-#26 AWG
[5.72]
.225
.016 [0.41] THICK,
OVERALL PLATED ONLY
EYELET
(TE)
EYELET
(RE)
[6.98]
.275
.007 [0.18]
THICK
LETTER B
SIDE
[4.70]
.185
[3.96]
.156
[3.18]
.125
[1.27]
.050
RIGHT ANGLE
(RA)
FITS
.043
[1.09]
[5.08]
.200
[4.70]
.185
NARROW DIP SOLDER
(RT,RY)
WIDE DIP SOLDER
(RX)
[3.56]
.140
.200 [5.08] (RT)
.440 [11.15] (RY)
FITS
.043
[1.09]
FITS
.043
[1.09]
LETTER
'A' SIDE
[6.73]
.265 INSERTION DEPTH
DUAL (D)
FULL BELLOWS
HALF LOADED (H)
BACK-UP
SPRING


Similar Part No. - EMC15DRAF

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1001 SMSC-EMC1001 Datasheet
317Kb / 16P
1.5째C SMBus Temperature Sensor in Miniature SOT-23
logo
Microchip Technology
EMC1001 MICROCHIP-EMC1001 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
EMC1001 MICROCHIP-EMC1001 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
logo
SMSC Corporation
EMC1001-1-AFZQ-TR SMSC-EMC1001-1-AFZQ-TR Datasheet
317Kb / 16P
1.5째C SMBus Temperature Sensor in Miniature SOT-23
logo
Microchip Technology
EMC1001-1-AFZQ-TR MICROCHIP-EMC1001-1-AFZQ-TR Datasheet
395Kb / 24P
짹1.5째C SMBus Temperature Sensor in Miniature TSOT
01/27/15
More results

Similar Description - EMC15DRAF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECM43DRKN ETC2-ECM43DRKN Datasheet
108Kb / 2P
.156 [3.96mm] Contact Centers, .431 Insulator Height Dip Solder/Eyelet/Right Angle
EBC05DREN-S93 ETC-EBC05DREN-S93 Datasheet
111Kb / 2P
.100 2.54 mm Contact Centers, .431 10.95 mm Insulator Height
PBC08DAAN ETC2-PBC08DAAN Datasheet
111Kb / 2P
.100 2.54mm Contact Centers, Male Breakaway Header
HMM18DRAS ETC2-HMM18DRAS Datasheet
108Kb / 2P
156 3.96mm Contact Centers, .431 Insulator Height Dip Solder/Eyelet/Right Angle
PBC08SAAN ETC2-PBC08SAAN Datasheet
111Kb / 2P
.100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
S-2-F-4-G ETC2-S-2-F-4-G Datasheet
299Kb / 1P
Size 2 .100 Centers
PBC04DFAN ETC2-PBC04DFAN Datasheet
111Kb / 2P
100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
FMC13DRYH ETC2-FMC13DRYH Datasheet
731Kb / 2P
.100 2.54 mm Contact Centers, .431 10.95 mm Insulator Height, Dip Solder/Eyelet/Right Angle for .062 1.57 mm or .031 0.79 mm Mating PCB
S-2-E-4-G ETC2-S-2-E-4-G Datasheet
302Kb / 1P
Size 2 .100 Centers
FSM22DSEF ETC2-FSM22DSEF Datasheet
474Kb / 2P
.156 3.96 mm Contact Centers, .431 10.95 mm Insulator Height, Dip Solder/Eyelet/Right Angle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com