Electronic Components Datasheet Search
  English  ▼

X  

SS3200B Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # SS3200B
Description  Surface Mount Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS3200B Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  SS3200B Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS3200B Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS3200B Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS3200B Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS3200B Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS3200B Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number:F41853L
25-Jul-2021 V 2.0
SS3200B
Surface Mount Schottky Barrier Rectifier
www.futurewafer.com.tw
Maximum Ratings
Maximum Ratings@25°C Unless Otherwise Specified
Parameter
Symbol
Value
Units
Maximum repetitive peak reverse voltage
VRRM
200
V
Maximum RMS voltage
VRMS
140
V
Maximum DC blocking voltage
VDC
200
V
Maximum average forward rectified current
IF(AV)
3
A
Peak forward surge current,8.3ms single half sine-wave
superimposed on rated load
IFSM
100
A
Voltage rate of change(rated VR)
dv/dt
10,000
V/us
Typical thermal resistance
RθJL
RθJA
21
80
°
C/W
Operating Temperature
TJ
-55~150
°
C
Storage Temperature
TSTG
-55~150
°
C
SMBJ
Feature
●
High Surge Current Capability
●
Low Power Loss, High Efficiency
●
Low Leakage Current
●
High Operating Junction Temperature:150°C
Mechanical Characteristics
●
Molded JEDEC SMBJ package
●
Packaging: Tape and Reel
●
Flammability Rating UL 94V-0
●
Halogen Free
●
Meets MSL 1 Requirements
Device Characteristics
Parameter
Symbol
Value
Unit
Maximum instantaneous Forward Voltage
VF @ IF = 3A
0.90
V
Maximum instantaneous Reverse Current
IR @ VR = 200V
0.2 @ TA = 25°C
5.0 @ TA = 125°C
mA
Cathode
Anode


Similar Part No. - SS3200B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS3200B BILIN-SS3200B Datasheet
144Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS3200B BILIN-SS3200B Datasheet
535Kb / 4P
Schottky Barrier Rectifiers
logo
Microdiode Semiconducto...
SS3200B CHENDA-SS3200B Datasheet
785Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SS3200B SHUNYE-SS3200B Datasheet
692Kb / 3P
SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
logo
Galaxy Semi-Conductor H...
SS3200BF BILIN-SS3200BF Datasheet
383Kb / 4P
Schottky Barrier Rectifiers
Rev.B
More results

Similar Description - SS3200B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com