Electronic Components Datasheet Search
  English  ▼

X  

196131 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 196131
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

196131 Datasheet(HTML) 2 Page - Festo Corporation.

  196131 Datasheet HTML 1Page - Festo Corporation. 196131 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
On switching time
1.7 ms
Tolerance for switching time off
+10 %/-30 %
Tolerance for ON switching time
+10%/-30%
Switching time variation at 1 Hz and above
0.2 ms
Duty cycle
100%
Coil characteristics
24 V DC: low-current phase 1.25 W, high-current phase 5.0 W
Permissible voltage fluctuations
+/- 10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Restricted ambient and media temperature
Depending on the switching frequency (see diagram)
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
-5 °C ... 60 °C
Ambient temperature
-5 °C ... 60 °C
Product weight
60 g
Electrical connection
2-pin
Plug
Type of mounting
With through-hole
Pneumatic connection 1
M7
Pneumatic connection 2
M7
Pneumatic connection 3
M7
Note on materials
Free of copper and PTFE
RoHS-compliant
Seals material
HNBR
NBR
Housing material
Die-cast zinc
Coated
Material of screws
Steel
Galvanized
11/15/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com