Electronic Components Datasheet Search
  English  ▼

X  

525213 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 525213
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

525213 Datasheet(HTML) 1 Page - Festo Corporation.

  525213 Datasheet HTML 1Page - Festo Corporation. 525213 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
MHE4-MS1H-3/2O-QS-8-K
Part number: 525213
Data sheet
Feature
Value
Valve function
3/2, open, monostable
Actuation type
Electrical
Width
18 mm
Standard nominal flow rate
400 l/min
Pneumatic working port
QS-8
Operating voltage
24V DC
Operating pressure
-0.09 MPa ... 0.8 MPa
Operating pressure
-0.9 bar ... 8 bar
Structural design
Pressure-relieved poppet valve
Reset method
Mechanical spring
Degree of protection
IP65
Certification
RCM compliance mark
c UL us - Recognized (OL)
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
Nominal width
4 mm
Width dimension
24 mm
Note on grid dimension
Minimum distance between the valves is 6 mm
Type code
MH4
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Non-detenting
Type of control
Direct
Flow direction
Reversible with restrictions
Symbol
00991322
Lap
Underlap
Reverse polarity protection
Bipolar
Additional functions
Spark suppression
Holding current reduction
Protective circuit
Operating pressure, reversible
0.09 MPa ... 0.1 MPa
Operating pressure, reversible
0.9 bar ... 1 bar
Operating pressure, reversible
13.05 psi ... 14.5 psi
Max. switching frequency
210 Hz
Switching time off
3.5 ms
11/15/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 525213

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
525210 FESTO-525210 Datasheet
103Kb / 2P
Air solenoid valve
525211 FESTO-525211 Datasheet
104Kb / 2P
Air solenoid valve
More results

Similar Description - 525213

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com