Electronic Components Datasheet Search
  English  ▼

X  

562172 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 562172
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

562172 Datasheet(HTML) 1 Page - Festo Corporation.

  562172 Datasheet HTML 1Page - Festo Corporation. 562172 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
MHJ10-S-0,35-QS-1/4-MF-U
Part number: 562172
Data sheet
Feature
Value
Valve function
2/2, closed, monostable
Actuation type
Electrical
Width
10 mm
Standard nominal flow rate
100 l/min
Pneumatic working port
QS-1/4
Operating voltage
24V DC
Operating pressure
0.05 MPa ... 0.6 MPa
Operating pressure
0.5 bar ... 6 bar
Structural design
Poppet valve without return spring
Reset method
Pneumatic spring
Degree of protection
IP65
Certification
RCM compliance mark
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
Width dimension
10.5 mm
Type code
MHJ10
Information on operation
Power supply unit must be able to supply at least 1.7 A without voltage
drop.
Do not operate without flow.
For block assembly with flow rate at max. ambient temperature 45 °C.
Sealing principle
Hard
Mounting position
Any
Manual override
None
Type of control
Direct
Flow direction
Non-reversible
Symbol
00992259
Reverse polarity protection
for operating voltage
Additional functions
Spark suppression
Holding current reduction with energy recovery
Safety shut-down
b-value
0.38
C value
0.4 l/sbar
Max. switching frequency
1000 Hz
Switching time on at 4 bar and 24 V in new condition
0.8 ms
Switching time off at 4 bar and 24 V in new condition
0.4 ms
Switching time on at 0.5 bar and 24 V in new condition
0.8 ms
Switching time off at 0.5 bar and 24 V in new condition
0.5 ms
11/15/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 562172

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
562170 FESTO-562170 Datasheet
64Kb / 1P
Connecting cable
More results

Similar Description - 562172

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com