Electronic Components Datasheet Search
  English  ▼

X  

BCM0001 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BCM0001
Description  Condition Monitoring Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCM0001 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCM0001 Datasheet HTML 1Page - Balluff Korea Ltd. BCM0001 Datasheet HTML 2Page - Balluff Korea Ltd. BCM0001 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Condition Monitoring Sensors
BCM R15E-001-DI00-01,5-S4
Order Code: BCM0001
Internet
www.balluff.com
eCl@ss 9.1: 27-20-90-90
Subject to change without notice: 279553
ETIM 6.0:
BCM0001_0.36_2021-06-14
2 / 3
Environmental conditions
Ambient temperature
0...70 °C
EN 61000-4-2, ESD
Severity Level 2
EN 61000-4-3, RFI
Severity Level 3
EN 61000-4-4, Burst
Severity Level 4
EN 61000-4-6, High-frequency fields
Severity Level 3
IP rating
IP67, IP68, IP69K
Storage temperature
-20...70 °C
Function module contact temperature
Contact temperature, measuring error ±2 % FS
Contact temperature, measuring
range
0…70 °C
Contact temperature, non-linearity
±0.75 % FS
Contact temperature, resolution
0.1 °C
Contact temperature, settling time
5 min
Function module vibration
Vibration, frequency range
2...3200 Hz
Vibration, measuring principle
MEMS
Vibration, number of measuring axes 3
Vibration, sampling rate
6400 Hz
Function module vibration acceleration
Vibration acceleration, measuring
error RMS
±5 %FS @79.4 Hz
Vibration acceleration, measuring
range RMS
0…16 g
Vibration acceleration, non-linearity
RMS
±2 %FS @79.4 Hz
Vibration acceleration, resolution
RMS
0.006 g @79.4 Hz
Vibration acceleration, statistical
evaluation variables [for each
measuring axis]
RMS
Peak to Peak
Function module vibration velocity
Vibration velocity, evaluation
variables [for each measuring axis]
RMS
Peak to Peak
Mean
Standard Deviation
Crest Factor
Skew
Kurtosis
Vibration velocity, measuring error
RMS
±5 %FS @79.4 Hz
Vibration velocity, measuring range
RMS
0…220 mm/s @79.4 Hz
Vibration velocity, non-linearity RMS
±2 %FS @79.4 Hz
Vibration velocity, resolution RMS
0.42 mm/s @79.4 Hz
Interface
Baud rate
COM3 (230,4 kBaud)
Interface
IO-Link 1.1
Interface setting option
Flexible process data
configuration
Vibration measurement based on
ISO 10816-3
Data preprocessing (statistics)
Events (pre-alarms and main
alarms)
Delay times for alarms
Search function with LED display
(ping)
Process data IN
20 bytes
Process data OUT
0 bytes
Process data cycle min.
10 ms
Material
Housing material
Stainless steel (1.4404)
Mechanical data
Dimension
20 x 10 x 32 mm
Mounting part
Screw M3 (2x)
Weight
30 g
Remarks
For additional information, refer to user's guide.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com