Electronic Components Datasheet Search
  English  ▼

X  

BFT0001 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BFT0001
Description  Temperature Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFT0001 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BFT0001 Datasheet HTML 1Page - Balluff Korea Ltd. BFT0001 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Temperature Sensors
BFT 6025-DX001-R02A0A-S4
Order Code: BFT0001
Internet
www.balluff.com
eCl@ss 9.1: 27-20-02-08
Subject to change without notice: 258691
ETIM 6.0: EC002994
BFT0001_0.56_2021-04-14
1 / 2
Basic features
Approval/Conformity
CE
WEEE
EAC
Principle of operation
Temperature sensor
Electrical connection
Connection
Connector, M12x1-Male, 4-pin
Environmental conditions
Ambient temperature
-40...100 °C
EN 60068-2-27, Shock
500 g
IP rating
IP66, IP67
Storage temperature
-40...85 °C
Interface
Analog output
Analog, resistance
Material
Process connection material
1.4305 stainless steel
Mechanical data
Installation length from contact
surface
25 mm
Pressure rating max.
50 bar
Probe diameter
6 mm
Process connection
G 1/4" outer
Tightening torque max.
5 Nm
Weight
30 g
Range/Distance
Measuring element
Pt1000
Measuring range
-50...150 °C
Response time per IEC 60751
T05 < 2.5 s
T09 < 6.5 s
Tolerance of the measuring resistor
per IEC 60751
Class B ± (0.3 °C + 0.005 ltl)
Connector Drawings


Similar Part No. - BFT0001

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BFT0002 BALLUFF-BFT0002 Datasheet
103Kb / 2P
Temperature Sensors
BFT0003 BALLUFF-BFT0003 Datasheet
103Kb / 2P
Temperature Sensors
BFT0004 BALLUFF-BFT0004 Datasheet
103Kb / 2P
Temperature Sensors
BFT0005 BALLUFF-BFT0005 Datasheet
124Kb / 2P
Temperature Sensors
BFT0006 BALLUFF-BFT0006 Datasheet
124Kb / 2P
Temperature Sensors
More results

Similar Description - BFT0001

ManufacturerPart #DatasheetDescription
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
Temperature Sensors
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
SICK AG
TCT-1AATE2506MZ SICK-TCT-1AATE2506MZ Datasheet
277Kb / 5P
TEMPERATURE SENSORS
2017-03-14
THTS-1PAD50506MZ SICK-THTS-1PAD50506MZ Datasheet
810Kb / 7P
TEMPERATURE SENSORS
2017-03-14
THTS-1PAT11006MZ SICK-THTS-1PAT11006MZ Datasheet
810Kb / 7P
TEMPERATURE SENSORS
2017-03-14
THTS-1PAT20506MZ SICK-THTS-1PAT20506MZ Datasheet
810Kb / 7P
TEMPERATURE SENSORS
2017-03-14
THTS-1PAVF0506MZ SICK-THTS-1PAVF0506MZ Datasheet
809Kb / 7P
TEMPERATURE SENSORS
2017-03-14
TSP-1MAG10405MZ SICK-TSP-1MAG10405MZ Datasheet
299Kb / 4P
TEMPERATURE SENSORS
2017-03-29
TSP-1MAG30305MZ SICK-TSP-1MAG30305MZ Datasheet
299Kb / 4P
TEMPERATURE SENSORS
2017-03-29
TSP-1MAM10305MZ SICK-TSP-1MAM10305MZ Datasheet
298Kb / 4P
TEMPERATURE SENSORS
2017-03-29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com