Electronic Components Datasheet Search
  English  ▼

X  

BFT0014 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BFT0014
Description  Temperature Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFT0014 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BFT0014 Datasheet HTML 1Page - Balluff Korea Ltd. BFT0014 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Temperature Sensors
BFT 6100-HV003-A02A0C-S4
Order Code: BFT0014
Internet
www.balluff.com
eCl@ss 9.1: 27-20-02-08
Subject to change without notice: 265339
ETIM 6.0: EC002994
BFT0014_0.37_2021-05-20
1 / 2
Basic features
Approval/Conformity
CE
cULus
WEEE
EAC
Operating panel
3 buttons
4-digit, 14-segment display, red
Principle of operation
Temperature sensor
Display/Operation
Switching function display
LED
Electrical connection
Connection
Connector, M12x1-Male, 4-pin
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
Current draw max.
600 mA, incl. switching current
Operating voltage Ub
15...35 VDC
Switching current
100 mA
Switching cycles min.
100 mil.
Environmental conditions
Ambient temperature
-20...80 °C
EN 60068-2-27, Shock
50 g
EN 60068-2-6, Vibration
6 g at resonance
IP rating
IP65, IP67
Noise emission
EN 61326-2-3: 2013
Storage temperature
-20...80 °C
Functional safety
MTTF (40 °C)
283 a
Interface
Analog output
Analog, current 4…20 mA
Switching output
PNP
Material
Gasket, material
FKM
Housing material
PC/ABS
TPE-E, PC, Stainless steel
(1.4301)
Process connection material
1.4571 stainless steel


Similar Part No. - BFT0014

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BFT0012 BALLUFF-BFT0012 Datasheet
133Kb / 2P
Temperature Sensors
BFT0013 BALLUFF-BFT0013 Datasheet
133Kb / 2P
Temperature Sensors
BFT0015 BALLUFF-BFT0015 Datasheet
133Kb / 2P
Temperature Sensors
BFT001A BALLUFF-BFT001A Datasheet
133Kb / 2P
Temperature Sensors
BFT001C BALLUFF-BFT001C Datasheet
133Kb / 2P
Temperature Sensors
More results

Similar Description - BFT0014

ManufacturerPart #DatasheetDescription
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
Temperature Sensors
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
SICK AG
TCT-1AATE2506MZ SICK-TCT-1AATE2506MZ Datasheet
277Kb / 5P
TEMPERATURE SENSORS
2017-03-14
THTS-1PAD50506MZ SICK-THTS-1PAD50506MZ Datasheet
810Kb / 7P
TEMPERATURE SENSORS
2017-03-14
THTS-1PAT11006MZ SICK-THTS-1PAT11006MZ Datasheet
810Kb / 7P
TEMPERATURE SENSORS
2017-03-14
THTS-1PAT20506MZ SICK-THTS-1PAT20506MZ Datasheet
810Kb / 7P
TEMPERATURE SENSORS
2017-03-14
THTS-1PAVF0506MZ SICK-THTS-1PAVF0506MZ Datasheet
809Kb / 7P
TEMPERATURE SENSORS
2017-03-14
TSP-1MAG10405MZ SICK-TSP-1MAG10405MZ Datasheet
299Kb / 4P
TEMPERATURE SENSORS
2017-03-29
TSP-1MAG30305MZ SICK-TSP-1MAG30305MZ Datasheet
299Kb / 4P
TEMPERATURE SENSORS
2017-03-29
TSP-1MAM10305MZ SICK-TSP-1MAM10305MZ Datasheet
298Kb / 4P
TEMPERATURE SENSORS
2017-03-29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com