Electronic Components Datasheet Search
  English  ▼

X  

ADP5062 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5062
Description  Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5062 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5062 Datasheet HTML 9Page - Analog Devices ADP5062 Datasheet HTML 10Page - Analog Devices ADP5062 Datasheet HTML 11Page - Analog Devices ADP5062 Datasheet HTML 12Page - Analog Devices ADP5062 Datasheet HTML 13Page - Analog Devices ADP5062 Datasheet HTML 14Page - Analog Devices ADP5062 Datasheet HTML 15Page - Analog Devices ADP5062 Datasheet HTML 16Page - Analog Devices ADP5062 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Data Sheet
ADP5062
Rev. B | Page 13 of 44
Figure 20. Fast Charge CC Mode Current vs. Ambient Temperature
Figure 21. VINx Overvoltage Threshold vs. Ambient Temperature
Figure 22. Input Current Limit vs. Ambient Temperature
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
–40
–15
10
35
60
85
110
AMBIENT TEMPERATURE (°C)
ICHG = 750mA
ICHG = 500mA
ICHG = 1300mA
AMBIENT TEMPERATURE (°C)
6.80
6.85
6.90
6.95
7.00
–40
–25
–10
5
20
35
50
65
80
95
110
125
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
–40
–25
–10
5
20
35
50
65
80
95
110
125
AMBIENT TEMPERATURE (°C)
ILIM = 1500mA
ILIM = 900mA
ILIM = 500mA
ILIM = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com