Electronic Components Datasheet Search
  English  ▼

X  

ADP5091 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5091
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5091 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5091 Datasheet HTML 2Page - Analog Devices ADP5091 Datasheet HTML 3Page - Analog Devices ADP5091 Datasheet HTML 4Page - Analog Devices ADP5091 Datasheet HTML 5Page - Analog Devices ADP5091 Datasheet HTML 6Page - Analog Devices ADP5091 Datasheet HTML 7Page - Analog Devices ADP5091 Datasheet HTML 8Page - Analog Devices ADP5091 Datasheet HTML 9Page - Analog Devices ADP5091 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADP5091/ADP5092
Data Sheet
Rev. A | Page 6 of 28
REGULATED OUTPUT SPECIFICATIONS
VIN = 1.2 V, VSYS = VBAT = 3 V, VREG_OUT = 2 V, L = 22 µH, CIN = 4.7 µF, CSYS = 4.7 µF, CREG_OUT = 4.7 µF, TJ = −40°C to +125°C for
minimum/maximum specifications, and TA = 25°C for typical specifications, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
REGULATED OUTPUT
Output Options by VID Control
VREG_OUT
1.5
3.6
V
Rating Current
IREG_OUT
VREG_OUT = 1.5 V to 3.6 V
150
mA
REG_OUT Pull-Down Resistance
RREG_OUT
235
Ω
REG_OUT IN BOOST MODE
REG_OUT Wake Threshold
VREG_WAKE
1.008 ×
VREG_OUT
1.027 ×
VREG_OUT
1.048 ×
VREG_OUT
V
REG_OUT Wake Threshold
Hysteresis
VREG_WAKE_HYS
1
%
Adjustable REG_OUT Wake
Threshold
VADJ_REG_WAKE
1.008
1.028
1.048
V
Adjustable REG_OUT Sleep
Threshold
VADJ_REG_SLEEP
1.018
1.038
1.058
V
High-Side Switches On Resistance
RBST_DS_ON
1.63
2.15
Ω
Current-Limit Threshold of Boost
Mode
IREG_BST_LIM
100
155
mA
REG_OUT IN LOW DROPOUT (LDO)
MODE
REG_OUT Accuracy
VREG_LDO
0 µA < IOUT < 150 mA, VSYS = (VREG_OUT + 0.5 V)
−3.5
+3.5
%
Adjustable REG_OUT Accuracy
VREG_LDO_ADJ
IOUT = 1 mA
0.999
1.015
1.028
V
0 µA < IOUT < 150 mA, VSYS = (VREG_OUT + 0.5 V)
0.985
1.015
1.045
V
REG_OUT Dropout
VREG_DROP
IOUT = 150 mA
200
mV
Current-Limit Threshold of LDO
Mode
IREG_LIM
VSYS ≥ VSYS_TH
200
260
mA
Output Noise
OUTNOISE
10 Hz to 100 kHz
700
µV rms
Power Supply Rejection Ratio
PSRR
100 Hz
60
dB
1 kHz
40
dB
REG_D0 and REG_D1
Input Logic
High
VREG_DX_IH
1.2
V
Low
VREG_DX_IL
0.4
V
Input Leakage Current
IREG_DX_LEAK
20
nA
REG_GOOD (ADP5092 ONLY)
Rising Threshold
VREG_GOOD
89.5
92.5
95.7
%
Hysteresis
VREG_GOOD_HYS
2
%
Pull-Up Resistor
11.6
17
kΩ
Pull-Down Resistor
11.6
17
kΩ
High Voltage
VREG_GOOD_IH
VREG_OUT
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com