Electronic Components Datasheet Search
  English  ▼

X  

ADP5320 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5320
Description  Wearable Power Management Solution for Multiple Battery Types
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5320 Datasheet(HTML) 1 Page - Analog Devices

  ADP5320 Datasheet HTML 1Page - Analog Devices ADP5320 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ADP5320
Wearable Power Management Solution for Multiple Battery Types
Rev. Sp0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Wide input supply voltage range: 1.8 V to 5.5 V
►
Low quiescent current: 5.1 µA standby mode, including UVLO
►
16-bit coulomb counter fuel gauge with integrated high-side
current sensing resistor
►
12-bit ADC to monitor battery voltage, output voltages, and
junction temperature
►
Channels 1 and Channel 2: 150 mA low power buck-boost
regulator
►
Selective buck, boost, or buck-boost operation
►
Selective hysteresis or pulse-width modulation (PWM) mode
►
Selective PWM frequency: 50 kHz to 225 kHz
►
2× programmable GPIOs for clock synchronization or fast stop
switching input
►
Channel 3: 150 mA low power buck regulator
►
Channel 4 Through Channel 6, and Channel 8: 50 mA low noise
LDO, 1.65 V to 5.5 V input supply voltage range
►
Channel 7: 50 mA sink current LDO
►
Channel 9: 50 mA, low noise LDO, 1.0 V to 1.9 V input supply
voltage range
►
I2C interface with interrupt warning
►
2 kb OTP memory
►
Power-good monitor and watchdog power hard reset
►
UVLO, peak current-limit protection, and TSD protection
►
Integrated anticounterfeit logic module
►
42-ball, 0.40 mm pitch, 2.880 mm × 2.980 mm WLCSP
►
−10°C to +70°C operating junction temperature range
APPLICATIONS
►
Wearable medical applications
►
Internet of Things (IoT) applications
►
Disposable sensor devices
►
Battery-powered devices
GENERAL DESCRIPTION
The ADP5320 highly integrated power management unit (PMU)
combines nine digitally adjustable regulators, a fuel gauge, a 12-bit
analog-to-digital converter (ADC), 2 kb of one time programmable
(OTP) memory, anticounterfeit logic in a 42-ball, 2.880 mm ×
2.980 mm WLCSP. The regulators include: 2× buck-boost, 1× buck
regulator, 5× low dropout (LDO) regulators, and one low input LDO.
The ADP5320 meets demanding performance and board space
requirements for wearable applications.
The ADP5320 operates from a 1.8 V to 5.5 V input supply voltage
range, enabling the device for use with multiple types of battery
inputs including: 2S/3S Zinc-air coin-cells or Li-poly/Li-ion batteries,
as well as other types of dc power sources.
The ADP5320 PMU fuel gauge includes a precision 16-bit coulomb
counter that integrates battery current flowing through the device.
A 12-bit ADC is included to monitor battery voltage, output supply
voltages, and the junction temperature. Other features include a
programmable sequencing engine and system fault recovery.
The ADP5320 PMU buck-boost regulators are high efficiency, step
up and step down regulators that operate at input voltages greater
than, less than, or equal to the regulated output voltage. All regula-
tors, including the six LDOs, are digitally programmable to meet
different power requirements for many applications.
The ADP5320 includes a 2-wire, I2C-compatible, digital interface
and is rated at the −10°C to +70°C operating junction temperature
range.
For more information about the ADP5320, contact your local Analog Devices, Inc., sales office at ADP5320@analog.com.


Similar Part No. - ADP5320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5300 AD-ADP5300 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300-EVALZ AD-ADP5300-EVALZ Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300ACPZ-1-R7 AD-ADP5300ACPZ-1-R7 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300ACPZ-2-R7 AD-ADP5300ACPZ-2-R7 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5301 AD-ADP5301 Datasheet
693Kb / 21P
50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
REV. A
More results

Similar Description - ADP5320

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14690 MAXIM-MAX14690 Datasheet
714Kb / 3P
Wearable Charge-Management Solution
Rev 10; 4/16
logo
Texas Instruments
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
Highly Integrated Battery Charge Management Solution
logo
Richtek Technology Corp...
RT4730 RICHTEK-RT4730 Datasheet
362Kb / 17P
Power Solution for Wearable AMOLED Products
logo
Maxim Integrated Produc...
MAX20303 MAXIM-MAX20303 Datasheet
2Mb / 152P
Wearable Power Management Solution
Rev 6; 10/17
MAX14676 MAXIM-MAX14676 Datasheet
304Kb / 3P
Wearable Charge Management Solution
Rev 3; 5/17
MAX14676D MAXIM-MAX14676D Datasheet
46Kb / 5P
The MAX14676D is a battery charge management solutions ideal for low-power wearable applications
September 28, 2014
MAX14676B MAXIM-MAX14676B Datasheet
46Kb / 5P
The MAX14676B/C are battery charge management solutions ideal for low-power wearable applications
September 18, 2014
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
2Mb / 63P
Battery management system solution
L9961 STMICROELECTRONICS-L9961_V01 Datasheet
1Mb / 65P
Battery management system solution
12-Jan-2023
logo
Analog Devices
MAX20356 AD-MAX20356 Datasheet
10Mb / 192P
Wearable Power-Management Solution
Rev 0; 3/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com