Electronic Components Datasheet Search
  English  ▼

X  

MSM5052 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM5052
Description  Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5052 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM5052 Datasheet HTML 4Page - OKI electronic componets MSM5052 Datasheet HTML 5Page - OKI electronic componets MSM5052 Datasheet HTML 6Page - OKI electronic componets MSM5052 Datasheet HTML 7Page - OKI electronic componets MSM5052 Datasheet HTML 8Page - OKI electronic componets MSM5052 Datasheet HTML 9Page - OKI electronic componets MSM5052 Datasheet HTML 10Page - OKI electronic componets MSM5052 Datasheet HTML 11Page - OKI electronic componets MSM5052 Datasheet HTML 12Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8/12
MSM5052
¡ Semiconductor
Measuring circuit
A
XT
VSS1
VDD
V
Crystal
32.768 kHz
OSC TH
VSS2
C2
C3
VCP
VCM
XT
C1
OSC R
OSC C
OSC IN
C4
R1
R2
: 20 pF
: 0.1 mF
: 3000 pF
: 10 kW
C1
C2, C3
C4
R1, R2
MSM5052



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com