Electronic Components Datasheet Search
  English  ▼

X  

MAX22191 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX22191
Description  Ultra-Low-Power, Parasitically Powered Digital Input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22191 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX22191 Datasheet HTML 1Page - Maxim Integrated Products MAX22191 Datasheet HTML 2Page - Maxim Integrated Products MAX22191 Datasheet HTML 3Page - Maxim Integrated Products MAX22191 Datasheet HTML 4Page - Maxim Integrated Products MAX22191 Datasheet HTML 5Page - Maxim Integrated Products MAX22191 Datasheet HTML 6Page - Maxim Integrated Products MAX22191 Datasheet HTML 7Page - Maxim Integrated Products MAX22191 Datasheet HTML 8Page - Maxim Integrated Products MAX22191 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX22191 is an IEC 61131-2 compliant, industrial
digital input (DI) device. The MAX22191 translates a 24V
industrial switching signal to a 3.3V/5V CMOS-level
output, or to a 2.3mA (typ) current output for driving an
optocoupler and/or LED. Voltage thresholds and current
levels in the MAX22191 are compliant with Type 1 and
Type 3 inputs, while minimizing power dissipation. The
MAX22191 is also compliant with 48V inputs, with the
addition of external resistors.
Operating power is derived from the input signal, eliminating
the need for an external field-side power supply. A 250ns
(max) fast response time is ideal for high-speed inputs.
Additionally, a CMOS-compatible test input is available for
safety diagnostics.
The MAX22191 features robust functionality for harsh
industrial systems and is capable of normal operation with
input signals ranging from -60V to +60V. Integrated thermal
shutdown further protects the device when VCC is present.
The MAX22191 is available in a small, 6-lead SOT23
package and operates over the -40°C to +125°C ambient
temperature range.
Applications
● Process Automation
● Industrial Automation
● Motor Controls
● Individually Isolated Inputs
● Current Sourcing Inputs
Benefits and Features
● High Integration for Flexible Circuit Designs
• Interfaces to Optocouplers or Digital Isolators
• Capable of Driving an Optocoupler and Status LED
• Operational as Sink or Source Digital Input
• Ultra-High Speed: 250ns (max) Propagation Delay
• Test Pulse Diagnostic
• Allows for Small Footprint TVS Surge Protection
● Reduced Power and Heat Dissipation
• Parasitically Powered from the Field Input
• Accurate ±15% Input-Current Limiting
• 100µA (typ) Quiescent Current with Optocoupler
• 96% (typ) Current-Transfer Efficiency to Optocoupler
● Robust Design
• Operates from -60V to +60V Input Voltage
• -40°C to +125°C Ambient Operating Temperature
Ordering Information appears at end of data sheet.
19-100229; Rev 1; 10/20
Click
here to ask about production status of specific part numbers.
MAX22191
Ultra-Low-Power, Parasitically Powered
Digital Input
Simplified Block Diagram
IN
REXT
2.3mA
INT
REF
VCC
OUT
MAX22191
TEST
GND
EVALUATION KIT AVAILABLE


Similar Part No. - MAX22191

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX22191 MAXIM-MAX22191 Datasheet
716Kb / 8P
Fully Assembled and Tested
Rev 0; 3/18
MAX22191 MAXIM-MAX22191 Datasheet
693Kb / 18P
Home Bus System (HBS) Compatible Transceiver
19-101199; Rev 0; 7/21
MAX22191AUT+ MAXIM-MAX22191AUT+ Datasheet
693Kb / 18P
Home Bus System (HBS) Compatible Transceiver
19-101199; Rev 0; 7/21
MAX22191EVKIT MAXIM-MAX22191EVKIT Datasheet
716Kb / 8P
24V and 48V Circuits for Easy Evaluation
Rev 0; 3/18
MAX22191EVKIT# MAXIM-MAX22191EVKIT# Datasheet
716Kb / 8P
24V and 48V Circuits for Easy Evaluation
Rev 0; 3/18
More results

Similar Description - MAX22191

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6001 NSC-LMC6001 Datasheet
305Kb / 14P
Ultra Ultra-Low Input Current Amplifier
logo
Silicon Laboratories
C8051F96X SILABS-C8051F96X Datasheet
53Kb / 2P
Ultra-Low-Power, High-Efficiency, Battery-Powered Metering MCU
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-064L AVAGO-ACPL-064L Datasheet
820Kb / 16P
Ultra Low Power 10 MBd Digital CMOS Optocouplers Low input current: 1.6 mA
logo
Texas Instruments
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
Ultra, Ultra-Low Input Current Amplifier
LMC6001 TI1-LMC6001_16 Datasheet
611Kb / 25P
Ultra, Ultra-Low Input Current Amplifier
logo
Seiko Instruments Inc
S8823A SII-S8823A Datasheet
2Mb / 28P
ENERGY HARVESTING POWERED BY ULTRA-LOW POWER AND ULTRA-LOW VOLTAGE OPERATION BOOST CHARGE PUMP
logo
Texas Instruments
ISO7041 TI1-ISO7041 Datasheet
490Kb / 25P
Ultra-Low Power Four-Channel Digital Isolator
logo
M-System Co.,Ltd.
LDSN MSYSTEM-LDSN Datasheet
114Kb / 3P
INPUT LOOP POWERED ISOLATOR
logo
Maxim Integrated Produc...
MAX31910 MAXIM-MAX31910_V01 Datasheet
888Kb / 19P
Ultra-Low Power Industrial, Octal, Digital Input Translator/Serializer
19-6440; Rev 6; 8/17
logo
STMicroelectronics
CLT03-2Q3 STMICROELECTRONICS-CLT03-2Q3 Datasheet
1Mb / 24P
Self powered digital input current limiter
25-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com