Electronic Components Datasheet Search
  English  ▼

X  

MSM6051 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM6051
Description  Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6051 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM6051 Datasheet HTML 1Page - OKI electronic componets MSM6051 Datasheet HTML 2Page - OKI electronic componets MSM6051 Datasheet HTML 3Page - OKI electronic componets MSM6051 Datasheet HTML 4Page - OKI electronic componets MSM6051 Datasheet HTML 5Page - OKI electronic componets MSM6051 Datasheet HTML 6Page - OKI electronic componets MSM6051 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
MSM6051
¡ Semiconductor
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Unit
Rating
Power Supply Voltage
VSS1-VDD
Ta = 25°C
V
–2.0 to +0.3
Input Voltage
VIN
Ta = 25°C
V
VSS1 – 0.3 to +0.3
Operating Temperature
Top
°C
–20 to +75
—
Storage Temperature
TSTG
°C
–55 to +125
—
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 0 V, VSS1 = VEE = –1.55 V, VSS2 = –3.0 V, VSS3 = –4.5 V, Cl = 30 kW, Ta = 25°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
VSS1 pin
VSS1 pin
(Refer to Measuring Circuit)
–VSS1
1.25
1.55
1.65
V
IDD
—
3.0
—
mA
–VOSC
1.45
—
—
V
IOL3
—
–10
mA
–500
IOL4
10
VSS1 Operating Voltage
Power Supply Current
Oscillation Start Voltage
Output Current 1
COM 1 to 3
Output Current 3
LO
VOH3 = –0.5 V
VOH4 = –0.5 V
VOL4 = –1.0 V
VOL3 = –1.15 V
—
IOH4
IOH3
Output Current 4
M1 to M4
Output Current 5
LD
Within 5 seconds, VSS1 pin
(Refer to Measuring Circuit)
—
—
—
—
10
—
2
mA
mA
——
–4
mA
–4
—
4
–4
—
4
4—
—
——
–4
mA
–4
—
4
–4
—
4
4—
—
IOH1
IOMH1
IOML1
IOL1
IOH2
IOMH2
IOML2
IOL2
VOH1 = –0.2 V
VOMH1 = VSS1 ±0.2 V
VOML1 = VSS2 ±0.2 V
VOL1 = –4.3 V
VOH2 = –0.2 V
VOMH2 = VSS1 ±0.2 V
VOML2 = VSS2 ±0.2 V
VOL2 = –4.3 V
Output Current 2
SEGMENT
IOH5
–12.5
VOH5 = –0.55 V
–25
–82.5
IOL5
—
—
1
VSS1 = –1.25 V
VEE = –2.0 V
VSS2 = –2.0 V
VOL5 = –0.85 V
Output Current 6
BD
mA
IOH6
–17.2
VOH6 = –0.55 V
–30
–51.5
IOL6
—
5
—
VOL6 = –0.85 V
VSS1 = –1.25 V
VEE = –2.0 V
VSS2 = –2.0 V
100
VIH1 = 0 V
IIH1
Input Current 1
S1 to S4
20
2
mA
—
VIL1 = –1.55 V
IIL1
—
–0.2
26
VIH2 = 0 V
IIH2
Input Current 2
K1 to K4
13
5
mA
—
VIL2 = –1.55 V
IIL2
—
–0.2
45
VIH3 = 0 V
IIH3
Input Current 3
OPIN
30
—
mA
—
VIL3 = –1.55 V
IIL3
—
–0.2
—
—
CD
Built-in CD Capacitance
20
—pF
*
*
The typ. value varies depending on the application program.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com