Electronic Components Datasheet Search
  English  ▼

X  

MAX31091 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX31091
Description  Automotive Temperature Range Spread-Spectrum EconOscillator?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31091 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX31091 Datasheet HTML 1Page - Maxim Integrated Products MAX31091 Datasheet HTML 2Page - Maxim Integrated Products MAX31091 Datasheet HTML 3Page - Maxim Integrated Products MAX31091 Datasheet HTML 4Page - Maxim Integrated Products MAX31091 Datasheet HTML 5Page - Maxim Integrated Products MAX31091 Datasheet HTML 6Page - Maxim Integrated Products MAX31091 Datasheet HTML 7Page - Maxim Integrated Products MAX31091 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EconOscillator is a trademark and µMAX is a registered trademark of Maxim Integrated Products, Inc.
Ordering Information appears at end of data sheet.
Custom Frequency Options
Contact factory for available custom frequency options.
19-7303; Rev 2; 11/18
General Description
The MAX31091 is a low-cost clock generator that is
factory trimmed to output frequencies from 200kHz to
66.6MHz with a nominal accuracy of ±0.25%. The device
can also produce a center-spread-spectrum output with
pin-selectable dither magnitude and rate. Assembled in
an 8-pin μMAX® package, the MAX31091 is designed
to operate with a 3.0V to 3.6V power supply over the
automotive temperature range (-40°C to +125°C).
Applications
● Automotive Infotainment
● Navigation
● Advanced Driver Assistance System (ADAS)
● Engine Control Unit (ECU) Instrumentation
● Automotive
Benefits and Features
● Spread-Spectrum Clock Output from 200kHz to
66.6MHz
● -40°C to +125°C Operating Temperature Range
● ±1.75% Accuracy Across Temperature
● Factory Trimmed
● Center-Dithered Spread-Spectrum Output
● Pin-Selectable Center-Dither Magnitude of 0%, ±1%,
±2%, or ±4%
● Pin-Selectable Dither Rate
● 3.0V to 3.6V Supply Operation
● Lead(Pb)-Free, 8-Pin μMAX Package
● AEC-Q100 Qualified
Click
here for production status of specific part numbers.
Typical Operating Circuit
8
3
4
2
1
OUT
DR
VCC
VCC
fOUT
DECOUPLING
CAPACITORS
7
6
5 SEL0
VCC
N.C.
N.C.
SEL1
GND
VCC
MAX31091
MAX31091
Automotive Temperature Range
Spread-Spectrum EconOscillator™


Similar Part No. - MAX31091

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3109 MAXIM-MAX3109 Datasheet
3Mb / 66P
Dual Serial UART with 128-Word FIFOs Integrated PLL and Divider
Rev 0; 3/11
MAX3109 MAXIM-MAX3109 Datasheet
2Mb / 66P
Dual Serial UART with 128-Word FIFOs
Rev 1; 5/12
MAX3109 MAXIM-MAX3109 Datasheet
2Mb / 66P
Dual Serial UART with 128-Word FIFOs
19-5806; Rev 6; 8/20
MAX3109ETJ MAXIM-MAX3109ETJ Datasheet
3Mb / 66P
Dual Serial UART with 128-Word FIFOs Integrated PLL and Divider
Rev 0; 3/11
MAX3109ETJ+ MAXIM-MAX3109ETJ+ Datasheet
3Mb / 66P
Dual Serial UART with 128-Word FIFOs Integrated PLL and Divider
Rev 0; 3/11
More results

Similar Description - MAX31091

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
DS1086 Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1091L MAXIM-DS1091L Datasheet
121Kb / 6P
Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1091L MAXIM-DS1091L_11 Datasheet
1Mb / 9P
Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 2; 9/11
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1091L MAXIM-DS1091L_12 Datasheet
1Mb / 9P
Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 2; 9/11
DS1091L MAXIM-DS1091L_13 Datasheet
1Mb / 9P
Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 3; 6/13
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com