Electronic Components Datasheet Search
  English  ▼

X  

MAX31180 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX31180
Description  Spread-Spectrum Crystal Multiplier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31180 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX31180 Datasheet HTML 1Page - Maxim Integrated Products MAX31180 Datasheet HTML 2Page - Maxim Integrated Products MAX31180 Datasheet HTML 3Page - Maxim Integrated Products MAX31180 Datasheet HTML 4Page - Maxim Integrated Products MAX31180 Datasheet HTML 5Page - Maxim Integrated Products MAX31180 Datasheet HTML 6Page - Maxim Integrated Products MAX31180 Datasheet HTML 7Page - Maxim Integrated Products MAX31180 Datasheet HTML 8Page - Maxim Integrated Products MAX31180 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Note 1: All voltages referenced to ground.
Note 2: Maximum source/sink current applied to input to be considered an open. Typical voltage range between 0.4 x VCC and
0.55 x VCC.
Note 3: Applicable to pins CMSEL, SMSEL, and PDN.
Note 4: See information about CL1 and CL2 in the Applications Information section at the end of the data sheet.
Note 5: Not production tested.
Note 6: For 7pF load.
Note 7: Time between PDN deasserted to output active.
Note 8: Time between PDN asserted to output high impedance.
Note 9: Guaranteed by design.
AC Electrical Characteristics
(VCC = +3.0 to +3.6V, TA = -40°C to +125°C, unless otherwise noted.)
MAX31180
Spread-Spectrum Crystal Multiplier
www.maximintegrated.com
Maxim Integrated │ 4
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SSO Duty Cycle
SSODC
Measured at VCC/2, CMSEL = 0 or open
40
60
%
Measured at VCC/2, CMSEL = 1
30
70
Rise Time
tR
(Note 6)
1.6
ns
Fall Time
tF
(Note 6)
1.6
ns
Peak Cycle-to-Cycle Jitter
tJ
fSSO = 16MHz, TA = -40 to +85NC,
10,000 cycles (Note 5)
75
ps
Power-Up Time
tPOR
PDN pin (Note 7)
11
ms
Power-Down Time
tPDN
PDN pin (Note 8)
100
ns
Dither Rate
fDITHER
(Note 9)
fIN/992



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com