Electronic Components Datasheet Search
  English  ▼

X  

MAX3876E/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3876E/D
Description  2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3876E/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3876E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3876E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3876E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3876E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3876E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3876E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3876E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3876E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3876E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2.5Gbps, Low-Power, +3.3V
Clock Recovery and Data Retiming IC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at +3.3V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VCC..............................................-0.5V to +7.0V
Input Voltage Levels
(SDI+, SDI-, SLBI+, SLBI-) ...........(VCC - 0.5V) to (VCC + 0.5V)
Input Current Levels (SDI+, SDI-, SLBI+, SLBI-)..............±11mA
CML Output Current Levels
(SDO+, SDO-, SCLKO+, SCLKO-) ................................±22mA
Voltage at LOL, SIS, FIL+, FIL-...................-0.5V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +85°C)
32-Pin TQFP (derate 16.1mW/°C above +85°C).............1.0W
Operating Temperature Range
MAX3876EHJ..................................................-40°C to +85°C
Operating Junction Temperature Range (die) ..-55°C to +150°C
Storage Temperature Range .............................-60°C to +160°C
Processing Temperature (die) .........................................+400°C
Lead Temperature (soldering, 10s) .................................+300°C
Figure 1, DC-coupled
Excluding CML output termination
CONDITIONS
V
VCC - 0.4
VCC + 0.4
VIS
Single-Ended Input Voltage
(SDI±, SLBI±)
mVp-p
50
1000
VID
mA
135
167
ICC
Supply Current
Differential Input Voltage
(SDI±, SLBI±)
V
2.4
VCC
VOH
TTL Output High Voltage (LOL)
µA
-10
+10
TTL Input Current (SIS)
V
0.8
VIL
TTL Input Low Voltage (SIS)
Ω
48
RIN
Input Termination to VCC
(SDI±, SLBI±)
mVp-p
CML Differential Output Voltage
Swing
Ω
Differential Output Impedance
V
2.0
VIH
TTL Input High Voltage (SIS)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TTL Output Low Voltage (LOL)
VOL
0.4
V
640
800
1000
85
100
115
RL = 50
Ω to VCC
Figure 1. Input Amplitude
Figure 2. Output Clock-to-Q Delay
SCLKO+
SDO
tCK
tCK-Q
(a) AC-COUPLED SINGLE-ENDED INPUT (CML OR PECL)
(b) DC-COUPLED SINGLE-ENDED CML INPUT
25mV
25mV
800mV
500mV
VCC + 0.4V
VCC
VCC - 0.4V
VCC
VCC - 0.25V
VCC - 0.5V
VCC - 0.2
RL = 50
Ω to VCC
V
CML Output Common-Mode
Voltage
580
800
1000
TA = 0°C to +85°C
TA = -40°C
DC-coupled
V
VCC - 0.25
VCM
Input Common-Mode Voltage
Figure 1, AC-coupled
50
1600



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com