Electronic Components Datasheet Search
  English  ▼

X  

MAX4002 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4002
Description  2.5GHz 45dB RF-Detecting Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4002 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4002 Datasheet HTML 1Page - Maxim Integrated Products MAX4002 Datasheet HTML 2Page - Maxim Integrated Products MAX4002 Datasheet HTML 3Page - Maxim Integrated Products MAX4002 Datasheet HTML 4Page - Maxim Integrated Products MAX4002 Datasheet HTML 5Page - Maxim Integrated Products MAX4002 Datasheet HTML 6Page - Maxim Integrated Products MAX4002 Datasheet HTML 7Page - Maxim Integrated Products MAX4002 Datasheet HTML 8Page - Maxim Integrated Products MAX4002 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2.5GHz 45dB RF-Detecting Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCC = 3V, SHDN = 1.8V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
2.7
5.5
V
Supply Current
ICC
VCC = 5.5V
5.9
9.3
mA
Shutdown Supply Current
ICC
SHDN = 0.8V, VCC = 5.5V
13
30
µA
Shutdown Output Voltage
VOUT
SHDN = 0.8V
100
mV
Logic-High Threshold
VH
1.8
V
Logic-Low Threshold
VL
0.8
V
SHDN = 3V
5
20
SHDN Input Current
I
SHDN
SHDN = 0
-0.8
-0.01
µA
SET-POINT INPUT
Voltage Range (Note 2)
VSET
Corresponding to central 40dB
0.35
1.45
V
Input Resistance
RIN
30
M
Ω
Slew Rate (Note 3)
16
V/µs
MAIN OUTPUT
High, ISOURCE = 10mA
2.65
2.75
Voltage Range
VOUT
Low, ISINK = 350µA
0.15
V
Output-Referred Noise
From CLPF
8
nV/
√Hz
Small-Signal Bandwidth
BW
From CLPF
20
MHz
Slew Rate
VOUT = 0.2V to 2.6V
8
V/µs
(Voltages Referenced to GND)
VCC ...........................................................................-0.3V to +6V
OUT, SET, SHDN, CLPF .............................-0.3V to (VCC + 0.3V)
RFIN
MAX4000 ......................................................................+6dBm
MAX4001 ....................................................................+16dBm
MAX4002 ....................................................................+19dBm
Equivalent Voltage
MAX4000 ..................................................................0.45VRMS
MAX4001 ....................................................................1.4VRMS
MAX4002 ....................................................................2.0VRMS
OUT Short Circuit to GND ..........................................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Bump UCSP (derate 4.7mW/°C above +70°C).........379mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) .............362mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering , 10s) ................................+300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com