Electronic Components Datasheet Search
  English  ▼

X  

MAX4920B Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4920B
Description  Battery Power-Up Logic with Overvoltage and Overcurrent Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4920B Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4920B Datasheet HTML 1Page - Maxim Integrated Products MAX4920B Datasheet HTML 2Page - Maxim Integrated Products MAX4920B Datasheet HTML 3Page - Maxim Integrated Products MAX4920B Datasheet HTML 4Page - Maxim Integrated Products MAX4920B Datasheet HTML 5Page - Maxim Integrated Products MAX4920B Datasheet HTML 6Page - Maxim Integrated Products MAX4920B Datasheet HTML 7Page - Maxim Integrated Products MAX4920B Datasheet HTML 8Page - Maxim Integrated Products MAX4920B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
0
4
2
8
6
12
10
14
24
35
6
7
GN1 GATE VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
MAX4919B
VGN1 REFERENCED TO GND
0
4
2
8
6
12
10
14
2.0
3.0
3.5
2.5
4.0
4.5
5.0
GN1 GATE VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
MAX4921B
VGN1 REFERENCED TO GND
0.5
0.8
0.7
0.6
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-40
10
-15
35
60
85
NORMALIZED BATTERY SWITCH RON
vs. TEMPERATURE
TEMPERATURE (
°C)
Typical Operating Characteristics
(VBTI = 4V, TA = +25°C, unless otherwise noted.)
Battery Power-Up Logic with Overvoltage
and Overcurrent Protection
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 5V (MAX4919B/MAX4920B) or VIN = 4.2V (MAX4921B), VBTI = 4V, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GN1 Turn-Off Time
tGOFF
VIN rising at 1V/µs from 5V to 8V
(MAX4919B/MAX4920B), or from 4V to 7V
(MAX4921B); VGN1 = 0.3V,
CGN1 = 500pF
620
µs
Initial Overvoltage Fault Delay
tOVLO
VIN rising at 1V/µs from 0V to 9V, time from
VIN = 5V to IGN1 = 80% of IGPD
1.5
µs
ACOK Deassertion Delay
tACOK
VIN rising at 1V/µs from 5V to 8V
(MAX4919B/MAX4920B), or from 4V to 7V
(MAX4921B); VACOK pullup
voltage = 3V; RACOK = 10k
Ω (Figure 3)
5.8
µs
Disable Time
tDIS
VEN = 2.4V, VGN1 = 0.3V, CGN1 = 500pF
2
µs
Note 1: All specifications are 100% production tested at TA = +25°C, unless otherwise noted. Specifications over TA = -40°C to
+85°C are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com