Electronic Components Datasheet Search
  English  ▼

X  

CTDAT1715F Datasheet(PDF) 1 Page - Central Technologies

Part # CTDAT1715F
Description  Power Inductor for Digital Amplifier - Shielded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDAT1715F Datasheet(HTML) 1 Page - Central Technologies

  CTDAT1715F Datasheet HTML 1Page - Central Technologies CTDAT1715F Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2021 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 09.22.21
Power Inductor for Digital Amplifier - Shielded
www.ctparts.com
CTDAT1715F
Series
From 10µH to 56µH
SPECIFICATIONS
*Isat: Value of inductance decrease within 25%
**Irms: A rise in temperature of core surface is within 40°C
Inductance
Test
DCR
*Isat
**Irms
Part
±20%
Freq.
Nom.(Max.)
Typ.
Typ.
Number
(µH)
(kHz)
(mΩ)
(A)
(A)
CTDAT1715F-100M
10.0
1.0
12.0(14.0)
26.0
8.20
CTDAT1715F-120M
12.0
1.0
12.0(14.0)
25.0
8.20
CTDAT1715F-150M
15.0
1.0
12.0(14.0)
18.0
8.20
CTDAT1715F-180M
18.0
1.0
12.0(14.0)
16.0
8.20
CTDAT1715F-220M
22.0
1.0
12.0(14.0)
13.0
8.20
CTDAT1715F-330M
33.0
1.0
12.0(14.0)
8.00
8.20
CTDAT1715F-560M
56.0
1.0
12.0(14.0)
6.00
8.20
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: Inductors for Class D.
Features:
•
Magnetic shielded structure, excellent resistance to
electromagnetic interference.
•
Sturdy contruction.
•
Low magnetic loss, low ESR, small parasitic capacitance.
•
Closed magnetic circuit, super low buzzing, high density
mount.
•
The temperature rise of current and rated current less
influenced by the environment.
•
Improving sound quality by using Oxygen Free Copper
(OFC) wire.
Applications: TV and monitor, AV amplifier, video game console,
power supply, navigation equipment, audio applications, etc.
Operating Temperature: -40°C to +125°C
Inductance Tolerance: ±20%
Testing: Inductance at 1.0kHz, 1.0V
Packaging: Tray packaging
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Samples available. See website for ordering information.
1
2
3
4
15.5
18.0 12.5
8.5
2
3
4
1
N/C
N/C
15.0±0.5
17.5±0.5
19.3Max.
3.5±0.5
12.5±0.5
ø0.8±0.1
8.5±0.5
ø1.0±0.1
ø0.8±0.1
ø1.0±0.1
Schematic
ø1.2
ø1.4
ø1.4
ø1.2
Reference Hole Pattern (mm)
Unit: mm


Similar Part No. - CTDAT1715F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDAT1326F CT-CTDAT1326F Datasheet
200Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1326F-100M CT-CTDAT1326F-100M Datasheet
200Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1326F-220M CT-CTDAT1326F-220M Datasheet
200Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1326F-5R6M CT-CTDAT1326F-5R6M Datasheet
200Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1326F-7R0M CT-CTDAT1326F-7R0M Datasheet
200Kb / 2P
Power Inductor for Digital Amplifier - Shielded
More results

Similar Description - CTDAT1715F

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
SHIELDED POWER INDUCTOR
logo
Central Technologies
CTDAS0910AF CT-CTDAS0910AF Datasheet
342Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAS0910BF CT-CTDAS0910BF Datasheet
394Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAS1013F CT-CTDAS1013F Datasheet
296Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAS1065F CT-CTDAS1065F Datasheet
292Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1415F CT-CTDAT1415F Datasheet
192Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1623F CT-CTDAT1623F Datasheet
771Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT2315F CT-CTDAT2315F Datasheet
196Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT3119F CT-CTDAT3119F Datasheet
234Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1326F CT-CTDAT1326F Datasheet
200Kb / 2P
Power Inductor for Digital Amplifier - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com