Electronic Components Datasheet Search
  English  ▼

X  

CTDLFF Datasheet(PDF) 1 Page - Central Technologies

Part # CTDLFF
Description  Data Line EMI Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDLFF Datasheet(HTML) 1 Page - Central Technologies

  CTDLFF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2014 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.14.14
Data Line EMI Filters
www.ctparts.com
CTDLFF
Series
SPECIFICATIONS
Inductance
DCR
Rated
Part
Min.
Max.
Current
Hi-Pot
Number
Lines
(µH)
(
Ω)
(A)
0.5mA,2Sec
CTDLFF-5R0-4LA
4
5.0
0.25
0.1
200VDC
CTDLFF-5R0-4LB
4
5.0
0.20
0.5
200VDC
CTDLFF-5R0-3LA
3
5.0
0.25
0.1
200VDC
CTDLFF-5R0-3LB
3
5.0
0.20
0.5
200VDC
CTDLFF-5R0-2LA
2
5.0
0.25
0.1
200VDC
CTDLFF-5R0-2LB
2
5.0
0.20
0.5
200VDC
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD Data Line EMI Filters
Applications: LAN’s, telephones, personal computers,
electronic games, etc.
Operating Temperature: -40°C to +85°C
Testing: Inductance is tested on an HP4284A at 1MHz, 0.5V
Temperature Rise: 40°C
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
5R0
A
D
G
4
3
2
18
7
6
5
8.12Ref.
5.08Ref.
1.52Ref.
Size
mm
inches
Unit: mm
A
B
C
D
E
F
G
Max.
Max.
Max.
Typ.
Typ.
Typ.
Typ.
7.6
5.7
4.0
5.6
1.27
0.3
7.1
0.299
0.224
0.157
0.220
0.050
0.012
0.280
CTDLFF-5R0-3LA
3
5.0
0.25
0.1
200VDC
CTDLFF-5R0-3LB
3
5.0
0.20
0.5
200VDC
CIRCUIT DIAGRAMS
12 34
87 65
(-4LA, -4LB)
12 34
87 65
(-3LA, -3LB)
12 34
87 65
(-2LA, -2LB)


Similar Part No. - CTDLFF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDLP2012F CT-CTDLP2012F Datasheet
170Kb / 1P
SMD Common Mode Filters
CTDLP2012F-121 CT-CTDLP2012F-121 Datasheet
170Kb / 1P
SMD Common Mode Filters
CTDLP2012F-181 CT-CTDLP2012F-181 Datasheet
170Kb / 1P
SMD Common Mode Filters
CTDLP2012F-221 CT-CTDLP2012F-221 Datasheet
170Kb / 1P
SMD Common Mode Filters
CTDLP2012F-700 CT-CTDLP2012F-700 Datasheet
170Kb / 1P
SMD Common Mode Filters
More results

Similar Description - CTDLFF

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
Data Line EMI Filters
logo
Coilcraft lnc.
CCDLF-10000L COILCRAFT-CCDLF-10000L Datasheet
203Kb / 2P
SMT Data Line EMI Filters
DLF-8000L COILCRAFT-DLF-8000L Datasheet
167Kb / 1P
Data Line EMI Filters
PDLF4000L COILCRAFT-PDLF4000L Datasheet
220Kb / 2P
SMT Data Line EMI Filters
TTDLF-2000L COILCRAFT-TTDLF-2000L Datasheet
229Kb / 2P
SMT Data Line EMI Filters
PDLF4500LC COILCRAFT-PDLF4500LC Datasheet
126Kb / 2P
SMT Data Line EMI Filters ??PDLF
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
Data Line EMI Filters
logo
Coilcraft lnc.
CCDLF COILCRAFT-CCDLF_13 Datasheet
228Kb / 2P
SMT Data Line EMI Filters
TTDLF COILCRAFT-TTDLF_15 Datasheet
613Kb / 2P
SMT Data Line EMI Filters
CQ7584-AL COILCRAFT-CQ7584-AL_16 Datasheet
221Kb / 4P
SMT Data Line EMI Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com