Electronic Components Datasheet Search
  English  ▼

X  

CTDLW43SF Datasheet(PDF) 2 Page - Central Technologies

Part # CTDLW43SF
Description  Common Mode Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDLW43SF Datasheet(HTML) 2 Page - Central Technologies

  CTDLW43SF Datasheet HTML 1Page - Central Technologies CTDLW43SF Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2014 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.13.14
Common Mode Chip Inductors
www.ctparts.com
1
10
100
1000
FREQ(MHz)
0.1
1
10
100
1000
10000 COMMON MODE
IMPEDANCE
NORMAL MODE
CTDLW43SF-510Y
1
10
100
1000
FREQ(MHz)
0.1
1
10
100
1000
10000
COMMON MODE
IMPEDANCE
NORMAL MODE
CTDLW43SF-220Y
1
10
100
1000
FREQ(MHz)
1
10
100
1000
10000
100000
COMMON MODE
IMPEDANCE
NORMAL MODE
CTDLW43SF-101Y
1
10
100
1000
FREQ(MHz)
0.1
1
10
100
1000
10000 COMMON MODE
IMPEDANCE
NORMAL MODE
CTDLW43SF-110Y



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com