Electronic Components Datasheet Search
  English  ▼

X  

CTDR1F Datasheet(PDF) 1 Page - Central Technologies

Part # CTDR1F
Description  Drum Cores - Radial Leaded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDR1F Datasheet(HTML) 1 Page - Central Technologies

  CTDR1F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 03.08.18
Drum Cores - Radial Leaded
www.ctparts.com
CTDR1F
Series
From 1.0µH to 560µH
SPECIFICATIONS
Part number indicate available tolerance.
K = ±10%, M = ±20%
L Test
DCR
IDC
Part
Inductance
Freq.
Max.
Max.
Number
(µH)
(kHz)
(Ω)
(A)
CTDR1F-1R0M
1.0
1.0
.003
9.0
CTDR1F-1R2M
1.2
1.0
.003
9.0
CTDR1F-1R5M
1.5
1.0
.004
9.0
CTDR1F-1R8M
1.8
1.0
.004
9.0
CTDR1F-2R2M
2.2
1.0
.005
9.0
CTDR1F-2R7M
2.7
1.0
.005
9.0
CTDR1F-3R3M
3.3
1.0
.005
9.0
CTDR1F-3R9M
3.9
1.0
.006
9.0
CTDR1F-4R7M
4.7
1.0
.007
9.0
CTDR1F-5R6M
5.6
1.0
.007
9.0
CTDR1F-6R8M
6.8
1.0
.008
9.0
CTDR1F-8R2M
8.2
1.0
.009
9.0
CTDR1F-100M
10
1.0
.010
9.0
CTDR1F-120K
12
1.0
.011
9.0
CTDR1F-150K
15
1.0
.015
7.2
CTDR1F-180K
18
1.0
.016
7.2
CTDR1F-220K
22
1.0
.025
5.5
CTDR1F-270K
27
1.0
.030
4.5
CTDR1F-330K
33
1.0
.040
4.0
CTDR1F-390K
39
1.0
.046
4.0
CTDR1F-470K
47
1.0
.062
2.8
CTDR1F-560K
56
1.0
.069
2.8
CTDR1F-680K
68
1.0
.077
2.8
CTDR1F-820K
82
1.0
.083
2.8
CTDR1F-101K
100
1.0
.095
2.8
CTDR1F-121K
120
1.0
.127
2.0
CTDR1F-151K
150
1.0
.181
1.6
CTDR1F-181K
180
1.0
.217
1.6
CTDR1F-221K
220
1.0
.240
1.6
CTDR1F-271K
270
1.0
.300
1.6
CTDR1F-331K
330
1.0
.336
1.3
CTDR1F-391K
390
1.0
.460
1.0
CTDR1F-471K
470
1.0
.636
0.8
CTDR1F-561K
560
1.0
.696
0.8
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: Radial leaded drum core inductor
Applications: Used in switching regulators, power amplifiers,
power supplies, DCR and Triac controls, speaker crossover
networks, RFI suppression and filters
Operating Temperature: -25°C to +85°C
Temperature Rise: 50°C Max. at IDC
IDC: Current at which inductance drops 10% Max.
Inductance Tolerance: ±10%, ±20%
Testing: Inductance is tested on a HP4284A at 1.0kHz, 1V
Packaging: Bulk pack
Sleeving: Coils finished with UL-VW-1 sleeving
Mounting: Center hole furnished for mechanical mounting
Miscellaneous: RoHS Compliant. Non-standard tolerances and
other values available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
B
C
D
E
Max.
Max.
Typ.
Typ.
22.0
17.0
15±2
3.0
12
0.87
0.67
0.59±0.08
0.12
0.47
Size
mm
inches
A
B
D
E
C


Similar Part No. - CTDR1F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDR1F-100M CT-CTDR1F-100M Datasheet
158Kb / 1P
Drum Cores - Radial Leaded
CTDR1F-101K CT-CTDR1F-101K Datasheet
158Kb / 1P
Drum Cores - Radial Leaded
CTDR1F-120K CT-CTDR1F-120K Datasheet
158Kb / 1P
Drum Cores - Radial Leaded
CTDR1F-121K CT-CTDR1F-121K Datasheet
158Kb / 1P
Drum Cores - Radial Leaded
CTDR1F-150K CT-CTDR1F-150K Datasheet
158Kb / 1P
Drum Cores - Radial Leaded
More results

Similar Description - CTDR1F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDR1 CT-CTDR1 Datasheet
158Kb / 1P
Drum Cores - Radial Leaded
CTDR2 CT-CTDR2 Datasheet
156Kb / 1P
Drum Cores - Radial Leaded
CTDR3 CT-CTDR3 Datasheet
188Kb / 1P
Drum Cores - Radial Leaded
CTDR2F CT-CTDR2F Datasheet
120Kb / 1P
Drum Cores - Radial Leaded
CTDR3F CT-CTDR3F Datasheet
213Kb / 1P
Drum Cores - Radial Leaded
CTDR4F CT-CTDR4F Datasheet
199Kb / 1P
Drum Cores - Radial Leaded
CTRL5480F-4 CT-CTRL5480F-4 Datasheet
339Kb / 1P
Drum Cores - Radial
CTRL5480F-5 CT-CTRL5480F-5 Datasheet
342Kb / 1P
Drum Cores - Radial
CTDR5F CT-CTDR5F Datasheet
141Kb / 1P
Drum Core Inductors - Radial Leaded
CTDR6F CT-CTDR6F Datasheet
143Kb / 1P
Drum Core Inductors - Radial Leaded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com