Electronic Components Datasheet Search
  English  ▼

X  

MSM6545 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6545
Description  Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6545 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6545 Datasheet HTML 1Page - OKI electronic componets MSM6545 Datasheet HTML 2Page - OKI electronic componets MSM6545 Datasheet HTML 3Page - OKI electronic componets MSM6545 Datasheet HTML 4Page - OKI electronic componets MSM6545 Datasheet HTML 5Page - OKI electronic componets MSM6545 Datasheet HTML 6Page - OKI electronic componets MSM6545 Datasheet HTML 7Page - OKI electronic componets MSM6545 Datasheet HTML 8Page - OKI electronic componets MSM6545 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4/13
MSM6545/6575/6545L/6575L
¡ Semiconductor
PIN DESCRIPTIONS
Symbol
Type
Description
PORT0
(P0.0 to P0.3)
I/O
4-bit Input-output port, I/O switchable, with/without input pull-down resistor
I/O
4-bit Input-output port, I/O switchable, with/without input pull-down resistor
I/O
4-bit Input-output port, I/O switchable,
with/without input pull-down resistor
I/O
4-bit Input-output port, I/O switchable, with/without input pull-down resistor
I/O
4-bit Input-output port, I/O switchable, with/without input pull-down resistor
I/O
4-bit Input-output port, I/O switchable, with/without input pull-down resistor
I/O
4-bit Input-output port, I/O switchable,
with/without input pull-down resistor
4-bit input port
Tie to the negative pole of the battery when
not used.
BD
O
Buzzer output pin
RESET
I
Reset pin with input pull-down resistor
TEST1
Testing pins with input pull-down resistor
Tie to the negative pole of the battery.
TEST2
I
TEST3
XT
I
Connection pins for crystal oscillator
XTB
O
VDD
—
0 V power supply pin
VSS1
—
–1.5 V supply pin (power supply pin for –1.5 V operation)
VSS2
—
–3.0 V supply pin (power supply pin for –3.0 V operation)
VCP
—
Connection pins for internal potential development capacitor
VCM
PORT1
(P1.1 to P1.3)
PORT2
(P2.0 to P2.3)
PORT3
(P3.0 to P3.3)
PORT4
(P4.0 to P4.3)
PORT5
(P5.0 to P5.3)
PORT6
(P6.0 to P6.3)
P2.0 to P2.3
External interrupt
port
P6.3: SCLK
Shared with serial
port
I
PORT7
(P7.0 to P7.3)
P7.0: SOUT
P7.1: SIN
P7.2: BU/D
Shared with 4-bit
up/down counter
P7.3: CCLK
VEE
—
Supply pin for internal logic (constant voltage circuit output pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com